Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 5Page - STMicroelectronics UM1692 Datasheet HTML 6Page - STMicroelectronics UM1692 Datasheet HTML 7Page - STMicroelectronics UM1692 Datasheet HTML 8Page - STMicroelectronics UM1692 Datasheet HTML 9Page - STMicroelectronics UM1692 Datasheet HTML 10Page - STMicroelectronics UM1692 Datasheet HTML 11Page - STMicroelectronics UM1692 Datasheet HTML 12Page - STMicroelectronics UM1692 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID025487 Rev 2
9/42
UM1692
Schematic, layout and bill of material
42
Table 2. Bill of material
Item
Qty.
Reference
Value
Package
C1, C16
2
Cap. cer. 10 µF 10 V X7R 0805
10 µF
0805
C2
1
Cap. cer. 1 µF 10 V X7R 0805
1 µF
0805
C3, C4, C10 -
C13, C17 -
C19, C21,
C22, C25-C27
14
Cap. cer. 100 nF 50 V X7R 0603
100 nF
0603
C5
1
Cap. cer. 3.3 nF 50 V X7R 0603
3.3 nF
0603
C6
1
Cap. cer. 220 nF 35 V X7R 0603
220 nF
0603
C7
1
Cap. cer. 4.7 nF 50 V X7R 0603
4.7 nF
0603
C8, C15, C20,
C28
4
Cap. cer. 10 nF 50 V X7R 0603
10 nF
0603
C9
1
Cap. tant. 47 µF 6.3 V10% PACK-A
47 µF
3216
C14
1
Cap. elec. 100 µF 63 V
100 µF
CAPES-R10HXX
C23, C24
2
Cap. cer. 20 pF 50 V COG 0603
20 pF
0603
D1
1
Zener regulator
3.6 V
SOD 523
D2
1
Double diode high speed switching
diode
BAV99
SOT23
D3
1
LED red - 0805 -2 mcd - 621 nm
Red
0805
D4
1
LED green - 0805 -6 mcd - 569 nm
Green
0805
D5
1
LED yellow - 0805 -6 mcd - 588 nm
Yellow
0805
D6
1
LED orange - 0805 -2 mcd - 602 nm
Orange
0805
FIX1 - FIX4
4
Hole
3 mn
-
J1-J3
3
Screw connector 2 poles MKDSN
1.5 / 2 - 5.08
MKDSN 1.5 / 2 - 5.08
MKDSN 1.5 / 2 - 5.08
J4
1
JTAG CON-FLAT- 10 x 2 - 180 M
CON-FLAT- 10 x 2 - 180 M CON-FLAT- 10 x 2 - 180 M
J5
1
USB_B_MINI_AMP_1734035-1
CN-USB
CMS mini USB
J6, J7
2
JUMP254P-M-2
OPEN
STRIP 2x2,54
MIRE1 -
MIRE3
3
OPTICAL_TARGET
OPTICAL_TARGET
Diam 1mn
R1
1
Trimmer 200 K
200 K
Trimm. 100 x 50 x 110
R2
1
27 K
 5% 1/10 W
27 K
0603
R3
1
Res. 7.5 K
 5% 1/10 W 0603 SMD
7.5 K
0603
R4, R13
2
Res. 1 M
 1/10 W 5% 0603 SMD
1 M
0603
R5
1
Res. 1.5 K
 1/10 W 5% 0603 SMD
1.5 K
0603
R6, R8 - R11,
R14, R19, R30
- R32
10
Res. 10 K
 5% 1/10 W 0603 SMD
10 K
0603
R7, R12
2
Res. 100
 5% 1/10 W
100
0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com