Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 10Page - STMicroelectronics UM1692 Datasheet HTML 11Page - STMicroelectronics UM1692 Datasheet HTML 12Page - STMicroelectronics UM1692 Datasheet HTML 13Page - STMicroelectronics UM1692 Datasheet HTML 14Page - STMicroelectronics UM1692 Datasheet HTML 15Page - STMicroelectronics UM1692 Datasheet HTML 16Page - STMicroelectronics UM1692 Datasheet HTML 17Page - STMicroelectronics UM1692 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
General description
UM1692
14/42
DocID025487 Rev 2
The target phase current is set through the TVAL registers. The TVAL determinates the
current corresponding to the peak of the sine wave (microstepping operation).
4.2.3
Overcurrent detection
The overcurrent protection detection is implemented by measuring the current flowing into
each integrated MOSFET.
The overcurrent protection threshold should be set just above the current rating of the
motor:
IOCDth > Imax,r.m.s. × √2
For example: if the maximum phase current of the motor is 2 Ar.m.s., the overcurrent
protection should be set to about 3 A.
Warning:
Important - it is strongly discouraged to disable the
overcurrent shutdown. It may result in critical failures.
4.2.4
Speed profile
The max. speed parameter is the maximum speed the motor will run. By default, it is about
1000 step/s. That means, if you send a command to run at 2000 step/s, the motor speed is
limited at 1000 step/s.
This is an important safety feature in the final application, but not necessarily useful to
evaluate the device performances. Setting the parameter to high values (e.g. 6000 step/s)
allows evaluating the maximum speed which can be achieved by the application under test
through the speed tracking command (Run), but it probably limits the possibility to use
positioning commands (“Move”, “GoTo”, etc.).
The “Full step” speed parameter indicates the speed at which the system switches from
microstepping to full step operation.
4.3
STM32F105RB microcontroller
The STM32F105xx incorporates the high-performance ARM®Cortex™-M3 32-bit RISC core
operating at a 72 MHz frequency, high-speed embedded memories (Flash memory up to
256 Kbytes and SRAM 64 Kbytes), and an extensive range of enhanced I/O and peripherals
connected to two APB buses. All devices offer two 12-bit ADCs, four general-purpose 16-bit
timers plus a PWM timer, as well as standard and advanced communication interfaces: up
to two I2Cs, three SPIs, two I2Ss, five USARTs, a USB OTG FS and two CANs.
The STM32F105xx operates in the -40 to +105 °C temperature range, from a 2.0 to 3.6 V
power supply. A comprehensive set of power-saving mode allows the design of low-power
applications.
The STM32F105xx offers devices in three different package types: from 64 pins to 100 pins.
Depending on the device chosen, different sets of peripherals are included.
These features make the STM32F105xx and STM32F107xx connectivity line
microcontroller family suitable for a wide range of applications such as motor drives and
application control, medical and handheld equipment, industrial applications, PLCs,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com