Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 20Page - STMicroelectronics UM1692 Datasheet HTML 21Page - STMicroelectronics UM1692 Datasheet HTML 22Page - STMicroelectronics UM1692 Datasheet HTML 23Page - STMicroelectronics UM1692 Datasheet HTML 24Page - STMicroelectronics UM1692 Datasheet HTML 25Page - STMicroelectronics UM1692 Datasheet HTML 26Page - STMicroelectronics UM1692 Datasheet HTML 27Page - STMicroelectronics UM1692 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
General description
UM1692
24/42
DocID025487 Rev 2
4.5
Using the EVAL6472H-DISC with the firmware for the GUI
(FWGUI)
By default the discovery board is loaded with the FWGUI. This firmware offers the capability
to connect the board with a GUI: the SPINFamily evaluation tool. This GUI provides direct
access to all L6472 registers and allows sending application commands.
Both the FWGUI and the GUI can be downloaded from the “Design Resources” page of the
L6472:
The FWGUI can be downloaded to the discovery board as detailed in Section 4.4.
The behavior of the GUI is detailed in the Help.chm file which is provided with the setup file
of the GUI.
4.5.1
Sanity check of the board with the firmware for the GUI (FWGUI)
At the startup of the FWGUI, a sanity check is performed to confirm the discovery board is
working correctly. The status is returned via the board LEDs.
To have a correct execution of the sanity check, please follow the steps below:
1.
Place a jumper on the BOOT pins (bottom left corner of the board):
Figure 18. Starting board (BOOT mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com