Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1692 Datasheet HTML 1Page - STMicroelectronics UM1692 Datasheet HTML 2Page - STMicroelectronics UM1692 Datasheet HTML 3Page - STMicroelectronics UM1692 Datasheet HTML 4Page - STMicroelectronics UM1692 Datasheet HTML 5Page - STMicroelectronics UM1692 Datasheet HTML 6Page - STMicroelectronics UM1692 Datasheet HTML 7Page - STMicroelectronics UM1692 Datasheet HTML 8Page - STMicroelectronics UM1692 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
April 2015
DocID025487 Rev 2
1/42
42
UM1692
User manual
EVAL6472H-DISC: fully integrated stepper motor driver based on
the L6472 and STM32™
Introduction
The EVAL6472H-DISC can be used together with the STM32™ firmware library V1.0 and
constitutes a complete motor control evaluation and a development platform.
It is a demonstration board for motor control applications in the range of 8 V to 45 V of DC
bus voltage using the STM32F105RB microcontroller with an internal 128 kB Flash size and
a 64 kB internal RAM and the L6472 fully integrated solution suitable for driving two-phase
bipolar stepper motors up to 1/16 microstepping.
The L6472 device integrates a dual DMOS full bridge with all of the power switches
equipped with an accurate on-chip current sensing circuitry suitable for non-dissipative
current control and overcurrent protection.
With dedicated hardware evaluation features, the EVAL6472H-DISC board is designed to
help developers evaluate the device and develop their own applications.
Figure 1. Board image
www.st.com


Similar Part No. - UM1692

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
The EVAL6470H-DISC can be used together
17-Apr-2015
UM1693 STMICROELECTRONICS-UM1693 Datasheet
8Mb / 196P
M0-7 standard high-side drivers hardware design guide
03-Feb-2015
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
12-Jun-2015
UM1695 STMICROELECTRONICS-UM1695 Datasheet
571Kb / 46P
This document provides a detailed description
21-May-2015
More results

Similar Description - UM1692

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8207 SILAN-SC8207 Datasheet
233Kb / 9P
FAN REMOTE CONTROL DECODER USED TOGETHER
SC9148B SILAN-SC9148B Datasheet
204Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER USED TOGETHER
logo
Varitronix internationa...
VI-804 VARITRONIX-VI-804 Datasheet
36Kb / 1P
REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON THE P.C.B
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
The EVAL6470H-DISC can be used together
17-Apr-2015
logo
SunLED Corporation
XSM2CYK983W SUNLED-XSM2CYK983W Datasheet
230Kb / 3P
Can be used with automatic insertion equipment
logo
Murata Manufacturing Co...
BLT5BPT680LN1 MURATA1-BLT5BPT680LN1 Datasheet
374Kb / 3P
It can be used under the -55 ??to 150 ??usage environment
Last updated07/18/2022
PLT5BPH1015R6SN MURATA1-PLT5BPH1015R6SN_V01 Datasheet
397Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH2014R4SN MURATA1-PLT5BPH2014R4SN_V01 Datasheet
397Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH3013R7SN MURATA1-PLT5BPH3013R7SN_V01 Datasheet
398Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
PLT5BPH5013R1SN MURATA1-PLT5BPH5013R1SN_V01 Datasheet
398Kb / 3P
It can be used under the -55 ?껓퐵150 ??usage environment.
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com