Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 33Page - STMicroelectronics UM1692 Datasheet HTML 34Page - STMicroelectronics UM1692 Datasheet HTML 35Page - STMicroelectronics UM1692 Datasheet HTML 36Page - STMicroelectronics UM1692 Datasheet HTML 37Page - STMicroelectronics UM1692 Datasheet HTML 38Page - STMicroelectronics UM1692 Datasheet HTML 39Page - STMicroelectronics UM1692 Datasheet HTML 40Page - STMicroelectronics UM1692 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
DocID025487 Rev 2
37/42
UM1692
General description
42
Initialization and configuration
1.
Initialize peripherals used by L6472.
2.
LED_READY (GREEN) is lighted up, other LEDs are switched off.
3.
LED check sequence:
a)
LED_ERROR (RED) is switched ON
b)
LED_BUSY (ORANGE) is switched ON
c)
LED_SPARE (YELLOW) is switched ON
d)
LED_ERROR (RED), LED_BUSY (ORANGE) and LED_SPARE (YELLOW) are
switched OFF.
4.
Resets and puts L6472 into the standby mode. The L6472 STBY_RESET pin goes low
for a few hundreds of µs and then goes high.
5.
Program all L6472 registers | SetParam (PARAM, VALUE).
Flag signal management
6.
Read status register content | GetStatus
7.
Interrupt configuration for FLAG signal
8.
Motor runs at constant speed of a 400 steps/s forward direction | Run (DIR, SPD)
9.
Tentative to write to the current motor absolute position register while the motor is
running, as a consequence the LED_ERROR (RED) is lighted up | SetParam
(PARAM, VALUE)
10. “Get Status” to clear FLAG due to non performable command, as a consequence the
LED_ERROR (RED) is switched off | GetStatus
11. Motor stops smoothly | SoftStop
12. Wait until not busy - busy pin test (L6472 pin 22).
Busy signal management
13. Interrupt configuration for BUSY signal
14. Motor moves by 100,000 steps in a reverse direction | Move (DIR, N_STEP)
15. During busy time the LED_BUSY (ORANGE) is switched ON
16. L6472 disables the power bridges after a deceleration to zero phase | SoftHiZ
17. LED_BUSY (ORANGE) is switched OFF.
The LED_BUSY after the point 7 and the LED_ERROR after the point 13 are tied
respectively to the BUSY/SYNC pin and the FLAG pin. So for example they are lighted up
when the motor accelerates or decelerates. This is happening in the remaining part of the
demonstration although not mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com