Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1692 Datasheet HTML 1Page - STMicroelectronics UM1692 Datasheet HTML 2Page - STMicroelectronics UM1692 Datasheet HTML 3Page - STMicroelectronics UM1692 Datasheet HTML 4Page - STMicroelectronics UM1692 Datasheet HTML 5Page - STMicroelectronics UM1692 Datasheet HTML 6Page - STMicroelectronics UM1692 Datasheet HTML 7Page - STMicroelectronics UM1692 Datasheet HTML 8Page - STMicroelectronics UM1692 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Main features
UM1692
4/42
DocID025487 Rev 2
1
Main features
The characteristics of the EVAL6472H-DISC board are following:
DC voltage range from 8 V to 45 V
Maximum load phase current at 3 A r.m.s.
Footprint for external resonator or crystal
Control interface through trimmer - user keys and switch motor input
Control through LED indicators
Interface control by USB and debug outputs
Compatible with SPINFamily evaluation tool
Autonomous board due to embedded firmware
Up to 1/16 microstepping
Optimized layout on 2-layer board - low cost and high thermal performance
1.1
Target applications
The demonstration board is designed to fit all typical stepper motor applications - it is an
autonomous board due to embedded firmware.
1.2
Description
The EVAL6472_DISC is downloaded with embedded firmware.
The possibility with this board is double:
To adapt the settings with your specific setup (motor - voltage) by using the dedicated
PC application.
–
The user is able to save inside the board the specific parameters depending on
a user setup.
Using the board (with user parameters) directly on a site - without a connected PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com