Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1692 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1692
Description  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 6Page - STMicroelectronics UM1692 Datasheet HTML 7Page - STMicroelectronics UM1692 Datasheet HTML 8Page - STMicroelectronics UM1692 Datasheet HTML 9Page - STMicroelectronics UM1692 Datasheet HTML 10Page - STMicroelectronics UM1692 Datasheet HTML 11Page - STMicroelectronics UM1692 Datasheet HTML 12Page - STMicroelectronics UM1692 Datasheet HTML 13Page - STMicroelectronics UM1692 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Schematic, layout and bill of material
UM1692
10/42
DocID025487 Rev 2
R15 - R18
4
Res. 470
 5% 1/10 W 0603
470
0603
R21, R33
2
Res. 1 K
 5% 1/10 W 0603 SMD
1 K
0603
R20, R22,
R23, R34
4
Res. NP 0603
NP
0603
R24 - R27
4
Res. 4.7 K
 5% 1/10 W 0603 SMD
4.7 K
0603
R28
1
Res. 100 K
 5% 1/10 W 0603 SMD
100 K
0603
R29
1
Res. NP 0805
NP
0805
S1-S3
3
Switch button SMD
EVQQ2D03W
CMS 6.5 x 6 x 3.1
TP1, TP2, TP4
- TP7
6
Test point red
KEYSTONE-5000
TH
TP3
1
Test point black
KEYSTONE-5001
TH
U1
1
IC REG 1300MA LN 3.3 V
LD1117D33TR
SO8
U2
1
USBLC6-2P6
USBLC6-2P6
SOT 666
U3
1
L6472 microstepping motor driven
L6472
HTSSOP28
U4
1
IC, MCU, RISC, 72 MHz, 3.6 V,
32-bit, 64-pin, LQFP
STM32F105RBT6
LQFP64 10 x 10
Y1
1
XTAL 8 MHz-30PPM-20 pF
8 MHz
HC49/US-SM
Table 2. Bill of material (continued)
Item
Qty.
Reference
Value
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com