Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 2Page - STMicroelectronics AN1014 Datasheet HTML 3Page - STMicroelectronics AN1014 Datasheet HTML 4Page - STMicroelectronics AN1014 Datasheet HTML 5Page - STMicroelectronics AN1014 Datasheet HTML 6Page - STMicroelectronics AN1014 Datasheet HTML 7Page - STMicroelectronics AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
Watchdog is inactive and the WDGHALT option bit is disabled.), a Reset or specific interrupt
must occur. Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0]
bits in the CC register are set to the current software priority level of the interrupt routine and
recovered when the CC register is popped. When the Watchdog is active and the WDGHALT
option bit is enabled, a Watchdog reset is generated.
Uses:
– To place the MCU in the lowest power consumption mode without Real Time Clock.
– The CPU and Peripherals (Peripheral clocked with external clock source can still be active)
are OFF.
3.7 SUMMARY
Table 1. Summary Table
4 EXAMPLES
This section provides standard methods to achieve minimum power consumption in a partic-
ular ST7 application for following different microcontrollers, which can be used as a reference
during application development. For user reference it also provides data values measured in
lab for described applications presented as examples for different devices. CLICK on required
device to see more information on
- Appendix A: ST72F324 Standard Examples
- Appendix B: ST7FLITE0 Standard Examples
Note: The values provided in this application note are typical only, measured on a small
number of devices.
5 POWER MANAGEMENT TIPS
– If you are not using the ADC, SPI, SCI or timers in the application, switch them off.
– All the port pins should be push pull output at low level.
– All I/O ports should be connected to an external pull-up or pull-down to avoid leakage due to
floating inputs.
ST7 Modes
Oscillator/CPU/Peripheral Status
Oscillator
CPU
Peripherals
RTC
MCCSR-OIE
Bit
MCCSR-
SMS Bit
Run
On
On
On
Available
X
Reset
Slow
On
On
On
Available
X
Set
Wait
On
Off
On
Available
X
Reset
Slow-Wait
On
Off
On
Available
X
Set
Active-Halt
On
Off
Off
Available
Set
X
Halt
Off
Off
Off
Not Available
Reset
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com