Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics AN1014 Datasheet HTML 21Page - STMicroelectronics AN1014 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
7.1.2.3 Wait Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except the I/O Ports. At reset the SMS bit in the MCCSR is 0, hence fCPU is fOSC. All Ports
are in Push-Pull Outputs with low level.
Measurements:
Table 14. Consumption IDD (Wait Mode) at TA = + 25 °C
7.1.2.4 Slow-Wait Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except Ports and the SMS bit in the MCCSR is set to 1, hence fCPU is fOSC/32. All Ports
are in Push-Pull Outputs with low level.
Measurements:
Table 15. Consumption IDD (Slow-Wait Mode) at TA = + 25 °C
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
8
1434
µA
1685
µA
1920
µA
84
907
µA
1054
µA
1205
µA
21
315
µA365 µA
433
µA
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
0.25
337
µA402 µA
475
µA
80.125
230
µA270 µA
316
µA
2
0.03125
128
µA146 µA
170
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com