Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics AN1014 Datasheet HTML 12Page - STMicroelectronics AN1014 Datasheet HTML 13Page - STMicroelectronics AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
The variation of RPU with temperature and VDD is given in the datasheet.
6.2.2.1 Wait Mode
Methodology: A resonator oscillator is used with fosc at 4 / 8 MHz. PLL*2 is disabled. So, fosc2
is fosc/2. All peripherals are in reset configuration except the ports. So, the SMS bit in the
MCCSR is reset to 0. The CP1 and CP0 bits in the MCCSR are also reset to 0 and hence FCPU
is fosc2. IS21 bit of EICR is cleared and IS20 bit of EICR is set to 1. All Ports are in Push-Pull
Output with low level except PF1 (which is used for charging and discharging the capacitor).
Measurements:
Table 8. Consumption IDD (Wait Mode) for Cext = 1 uF at TA = + 25 °C
6.2.2.2 Slow-Wait Mode
Methodology: A resonator oscillator is used with fosc at 4 / 8 MHz. PLL*2 is disabled. So, fosc2
is fosc/2. All peripherals are in reset configuration except the ports and the SMS bit in the
MCCSR is set to 1. The CP1 and CP0 bits in the MCCSR are set accordingly. Hence fCPU is
fosc /4, fosc/8, fosc/16, fosc/32. The IS21 bit in the EICR is cleared and IS20 bit in the EICR is set
to 1. All ports are set as Push-Pull Outputs with low level except PF1 (which is used for
charging and discharging the capacitor).
Measurements:
Table 9. Consumption IDD (Slow-Wait Mode) for Cext = 1 uF at TA = + 25 °C
fOSC(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
42
3.64 mA
4.06 mA
4.63 mA
84
5.44 mA
6.16 mA
6.91 mA
fOSC(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
40.125
1.38 mA
1.55 mA
1.78 mA
4 / 8
0.25
1.68 mA
1.93 mA
2.19 mA
4 / 8
0.5
2.24 mA
2.51 mA
2.88 mA
4 / 8
1
2.80 mA
3.17 mA
3.53 mA
82
3.68 mA
4.16 mA
4.68 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com