Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 4Page - STMicroelectronics AN1014 Datasheet HTML 5Page - STMicroelectronics AN1014 Datasheet HTML 6Page - STMicroelectronics AN1014 Datasheet HTML 7Page - STMicroelectronics AN1014 Datasheet HTML 8Page - STMicroelectronics AN1014 Datasheet HTML 9Page - STMicroelectronics AN1014 Datasheet HTML 10Page - STMicroelectronics AN1014 Datasheet HTML 11Page - STMicroelectronics AN1014 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
6.1.2.1 Run Mode
Methodology:
A resonator oscillator is used with fosc at 4 / 8 MHz. PLL*2 is disabled (So, fosc2 is fosc/2). All
peripherals are in reset configuration except the ports. So, the SMS bit in the MCCSR is reset
to 0. The CP1 and CP0 bits in the MCCSR are also reset to 0 and hence fCPU is fosc2. All ports
are set as Push-Pull Outputs with low level.
Measurements:
Table 2. Consumption IDD (RUN Mode) at TA = + 25 °C
6.1.2.2 Slow Mode
Methodology: A resonator oscillator is used with fosc at 4 / 8 MHz. PLL*2 is disabled. So, fosc2
is fosc/2. All peripherals are in reset configuration except the ports and the SMS bit in the
MCCSR is set to 1. The CP1 and CP0 bits in the MCCSR are set to an appropriate value.
Hence fCPU is fosc /4, fosc/8, fosc/16, fosc/32. All ports are set as Push-Pull Outputs with low
level.
Measurements:
Table 3. Consumption IDD (SLOW Mode) at TA = + 25 °C
6.1.2.3 Wait Mode
Methodology: A resonator oscillator is used with fosc at 4 / 8 MHz. PLL*2 is disabled. So, fosc2
is fosc/2. All peripherals are in reset configuration except the ports. So, the SMS bit in the
MCCSR is reset to 0. The CP1 and CP0 bits in the MCCSR are also reset to 0 and hence fCPU
is fosc2. All ports are set as Push-Pull Outputs with low level.
fOSC(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
42
3.90 mA
4.38 mA
4.91 mA
84
5.88 mA
6.67 mA
7.42 mA
fOSC(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
40.125
1.33 mA
1.51 mA
1.70 mA
4 / 8
0.25
1.67 mA
1.93 mA
2.18 mA
4 / 8
0.5
2.25 mA
2.54 mA
2.88 mA
4 / 8
1
2.87 mA
3.25 mA
3.64 mA
82
3.88 mA
4.46 mA
4.95 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com