Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics AN1014 Datasheet HTML 21Page - STMicroelectronics AN1014 Datasheet HTML 22Page - STMicroelectronics AN1014 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
7.1.2.5 Active-Halt Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except the I/O Ports. All Ports are in Push-Pull Outputs with low level. Set ATCSR- CK1
bit to 0 & CK0 & OVFIE bits to 1. MCU is woken-up by AT TIMER Overflow Interrupt. The os-
cillator is ON, so the total consumption includes the oscillator consumption also.
Measurements:
Table 16. Consumption IDD (Active-Halt Mode) at TA = + 25 °C
7.1.2.6 Halt Mode
Methodology: An external CLK source, up to 16MHz is used on pin CLKIN. PLL is disabled
and internal RC Oscillator is OFF. So, fOSC is CLKIN / 2. All peripherals are in reset configura-
tion except Ports. All Ports are in Push-Pull Outputs with low level.
Measurements:
Table 17. Consumption IDD (Halt Mode) at TA = + 25 °C
7.1.3 Conclusion
Current consumption depends on VDD. Consumption increases with the increase of VDD and
External clock frequency. The oscillator is ON in Active-Halt mode, so the total consumption
includes the oscillator consumption also. In Halt mode, current consumption is independent of
VDD and External clock frequency.
7.2 EXAMPLE 2: APPLICATION WITH PERIODIC WAKE-UP
This example provides a method for measuring the average current consumed by the micro in
different modes while it cycles continuously through “wake-up” and “sleep” periods. The
measurement is done using the following configuration.
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
8
366
µA428 µA
501
µA
84
238
µA277 µA
321
µA
21
122
µA136 µA
157
µA
External CLK
on CLKIN Pin
(MHz)
fCPU(MHz)
IDD at VDD = 4.5 V
IDD at VDD = 5 V
IDD at VDD = 5.5 V
16
8
0.1
µA0.1 µA0.1 µA
84
0.1
µA0.1 µA0.1 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com