| Electronic Components Datasheet Search |
|
AN1014 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1014 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 25 page ![]() AN1014/0603 1/25 AN1014 APPLICATION NOTE HOW TO MINIMIZE THE ST7 POWER CONSUMPTION By MCD Application Team 1 INTRODUCTION The purpose of this document is to explain the different low power modes available on ST7 de- vices and the ways to minimise power consumption. Many applications will have strict power requirements, and there are several methods of lowering the rate of power consumption without sacrificing performance. Calculating the predicted power use is important to charac- terize the system’s power supply requirements. The ST7 can be put into one of several low power modes by setting some bits in some registers. The utility of these low power modes de- pends on the specific application. The basic explanation of this note is based on ST72F324, but is applicable to all ST7 general purpose devices. Please refer section “Examples” to see more information on additional de- vices (ST7FLITE0). 2 POWER CONSUMPTION FACTORS CMOS digital logic device power consumption is affected by supply voltage and clock fre- quency. These parameters can be adjusted to realize power savings, and are readily con- trolled by the designer. In CMOS digital logic devices, power consumption is directly propor- tional to clock frequency and power supply squared. power = CV2f where: C is CMOS load capacitance, V is supply voltage, and f is clock frequency. The amount of current used in CMOS logic is directly proportional to the voltage of the power supply. Thus, power consumption may be reduced by lowering the supply voltage to the de- vice. Power consumption depends on the number of active peripherals. The greater the number of active peripherals, the more power will be consumed. Power consumption also de- pends on, whether the oscillator is On or Off and whether the CPU is On or Off. It also depends on PLL On/Off, CSS enabled/disabled and LVD On/Off. Power Consumption is based on which mode a particular application is running. For example, in ST7, “HALT” mode is the lowest power consumption mode without availability of Real Time Clock and “ACTIVE-HALT” mode is the lowest power consumption mode with Real Time Clock available. To reduce the power consumption, clock frequency can be reduced whenever fast processing is not required by the application. 1 |
Similar Part No. - AN1014 |
|
Similar Description - AN1014 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |