Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1014 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1014
Description  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics AN1014 Datasheet HTML 21Page - STMicroelectronics AN1014 Datasheet HTML 22Page - STMicroelectronics AN1014 Datasheet HTML 23Page - STMicroelectronics AN1014 Datasheet HTML 24Page - STMicroelectronics AN1014 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
7.2.3 Conclusion
If VDD increases, RPU decreases. So, the RC time constant also decreases for a fixed value of
CEXT. So, the wake-up time decreases. Hence wake-up frequency increases with the increase
of VDD.
Temporization period exists only in Halt mode in case of Interrupt, because during all other
modes (except Halt mode) oscillator is ON. So, in HALT mode, the MCU needs 256 CPU cy-
cles as temporization period, during that time it consumes some current.
* Wake-Up frequency is the external interrupt frequency (Wake-Up time is the time after which
the MCU is woken up from the different modes (Wait, Slow-Wait, Halt)).
7.3 EXAMPLE 3: APPLICATION WITH PERIODIC WAKEUP AND WATCHDOG
For this example, we assume that for the application the Watchdog Timer (WDG) has to re-
main active and that the microcontroller has to stay in low power mode for an undefined time
period. Therefore, Halt mode can not be used, as the “Halt” instruction resets the microcon-
troller when the WDG is active and WDGHALT option bit in the option byte is set to 1. When
the WDGHALT option bit in the option byte is 0 and WDG is active, a “Halt” instruction doesn’t
generate a Watchdog reset. In this case, the MCU enters Halt mode. The Watchdog counter
is decremented once and then stops counting and is no longer able to generate a watchdog
reset until the MCU receives an external interrupt or reset. Active-Halt mode can also not be
used, because, the device cannot spend more than a defined period in this power saving
mode. Consequently, Wait mode is used, associated with Slow mode configured for the
slowest frequency. This slow mode clock (fCPU) drives the active peripherals and the CPU
when it is woken-up. Of course, to reduce power consumption further, Halt mode should be
used wherever possible.
In terms of applications, users usually try to optimize the power consumption during the wait
loop in the main program. In this configuration the microcontroller is mostly idle, waiting for an
external event, or regularly woken-up by an internal timer event. In our case, we decided to put
the ST7 core in Wait For Interrupt state, with one timer active to regularly wake up the core.
This enables the core to refresh the WDG to prevent a watchdog reset. The clock driving the
active peripherals and the core when it is active corresponds to the slowest clock available. It
is the oscillator clock divided by 2 then divided by 32. So the clock driving the peripherals and
core (fCPU) is equal to the fOSC/32. The measurement is done using the following configura-
tion.
7.3.1 Measurement Configuration
In this mode, the MCU is configured as below, but of course in the application this configura-
tion may differ, in particular the I/O port used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com