Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 108 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 104Page - STMicroelectronics AN2606 Datasheet HTML 105Page - STMicroelectronics AN2606 Datasheet HTML 106Page - STMicroelectronics AN2606 Datasheet HTML 107Page - STMicroelectronics AN2606 Datasheet HTML 108Page - STMicroelectronics AN2606 Datasheet HTML 109Page - STMicroelectronics AN2606 Datasheet HTML 110Page - STMicroelectronics AN2606 Datasheet HTML 111Page - STMicroelectronics AN2606 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 155 page
background image
STM32F401xD(E) devices bootloader
AN2606
108/155
DocID13801 Rev 21
SPI1 bootloader
SPI1
Enabled
The SPI1 configuration is:
Slave mode, Full Duplex, 8-bit MSB, Speed
up to 8 MHz, Polarity: CPOL Low, CPHA
Low, NSS hardware.
SPI1_MOSI pin
Input
PA7 pin: Slave data Input line, used in
Push-pull pull-down mode
SPI1_MISO pin
Output
PA6 pin: Slave data output line, used in
Push-pull pull-down mode
SPI1_SCK pin
Input
PA5 pin: Slave clock line, used in Push-pull
pull-down mode
SPI1_NSS pin
Input
PA4 pin: Slave Chip Select pin used in
Push-pull pull-down mode.
SPI2 bootloader
SPI2
Enabled
The SPI2 configuration is:
Slave mode, Full Duplex, 8-bit MSB, Speed
up to 8 MHz, Polarity: CPOL Low, CPHA
Low, NSS hardware.
SPI2_MOSI pin
Input
PB15 pin: Slave data Input line, used in
Push-pull pull-down mode
SPI2_MISO pin
Output
PB14 pin: Slave data output line, used in
Push-pull pull-down mode
SPI2_SCK pin
Input
PB13 pin: Slave clock line, used in Push-
pull pull-down mode
SPI2_NSS pin
Input
PB12 pin: Slave Chip Select pin used in
Push-pull pull-down mode.
SPI3 bootloader
SPI3
Enabled
The SPI3 configuration is:
Slave mode, Full Duplex, 8-bit MSB, Speed
up to 8 MHz, Polarity: CPOL Low, CPHA
Low, NSS hardware.
SPI3_MOSI pin
Input
PC12 pin: Slave data Input line, used in
Push-pull pull-down mode
SPI3_MISO pin
Output
PC11 pin: Slave data output line, used in
Push-pull pull-down mode
SPI3_SCK pin
Input
PC10 pin: Slave clock line, used in Push-
pull pull-down mode
SPI3_NSS pin
Input
PA15 pin: Slave Chip Select pin used in
Push-pull pull-down mode.
Table 54. STM32F401xD(E) configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com