Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 112 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 108Page - STMicroelectronics AN2606 Datasheet HTML 109Page - STMicroelectronics AN2606 Datasheet HTML 110Page - STMicroelectronics AN2606 Datasheet HTML 111Page - STMicroelectronics AN2606 Datasheet HTML 112Page - STMicroelectronics AN2606 Datasheet HTML 113Page - STMicroelectronics AN2606 Datasheet HTML 114Page - STMicroelectronics AN2606 Datasheet HTML 115Page - STMicroelectronics AN2606 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 155 page
background image
STM32F411xx devices bootloader
AN2606
112/155
DocID13801 Rev 21
26
STM32F411xx devices bootloader
26.1
Bootloader configuration
The STM32F411xx bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 56. STM32F411xx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 60 MHz
using the PLL.
The HSI clock source is used at startup
(interface detection phase) and when
USART or SPI or I2C interfaces are
selected (once DFU bootloader is selected,
the clock source will be derived from the
external crystal).
HSE enabled
The system clock frequency is 60 MHz.
The HSE clock source is used only when
the DFU (USB FS Device) interfaces are
selected.
The external clock must provide a fre-
quency multiple of 1 MHz and ranging from
4 MHz to 26 MHz.
-
The Clock Security System (CSS) interrupt
is enabled for the CAN and DFU bootload-
ers. Any failure (or removal) of the external
clock generates system reset.
RAM
-
12 Kbytes starting from address
0x20000000 are used by the bootloader
firmware
System memory
-
30424 bytes starting from address
0x1FFF0000, contain the bootloader firm-
ware
IWDG
-
The independent watchdog (IWDG) pres-
caler is configured to its maximum value. It
is periodically refreshed to prevent watch-
dog reset (in case the hardware IWDG
option was previously enabled by the user).
Power
-
Voltage range is set to [1.62 V, 2.1 V]. In
this range internal Flash write operations
are allowed only in byte format (Half-Word,
Word and Double-Word operations are not
allowed). The voltage range can be config-
ured in run time using bootloader com-
mands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com