Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2606 Datasheet(PDF) 109 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 105Page - STMicroelectronics AN2606 Datasheet HTML 106Page - STMicroelectronics AN2606 Datasheet HTML 107Page - STMicroelectronics AN2606 Datasheet HTML 108Page - STMicroelectronics AN2606 Datasheet HTML 109Page - STMicroelectronics AN2606 Datasheet HTML 110Page - STMicroelectronics AN2606 Datasheet HTML 111Page - STMicroelectronics AN2606 Datasheet HTML 112Page - STMicroelectronics AN2606 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
DocID13801 Rev 21
109/155
AN2606
STM32F401xD(E) devices bootloader
154
The system clock is derived from the embedded internal high-speed RC for USARTx, I2Cx
and SPIx bootloaders. This internal clock is also used for CAN and DFU (USB FS Device)
but only for the selection phase. An external clock multiple of 1 MHz (between 4 and
26 MHz) is required for CAN and DFU bootloader execution after the selection phase.
DFU bootloader
USB
Enabled
USB OTG FS configured in Forced Device
mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
No external Pull-up resistor is required
TIM11
Enabled
This timer is used to determine the value of
the HSE. Once the HSE frequency is
determined, the system clock is configured
to 60 MHz using PLL and HSE.
Table 54. STM32F401xD(E) configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com