Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 4Page - STMicroelectronics AN4190 Datasheet HTML 5Page - STMicroelectronics AN4190 Datasheet HTML 6Page - STMicroelectronics AN4190 Datasheet HTML 7Page - STMicroelectronics AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics AN4190 Datasheet HTML 10Page - STMicroelectronics AN4190 Datasheet HTML 11Page - STMicroelectronics AN4190 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Antenna theory
AN4190
8/29
Doc ID 023812 Rev 1
1.2
Radiation density and intensity
Electromagnetic waves are used to transport information through a wireless medium or a
guiding structure, from one point to the other. It is, then, natural to assume that power and
energy are associated with electromagnetic fields. It is possible to demonstrate [1] that the
power density associated with the electromagnetic fields of an antenna in its far field region
is predominately real and is referred to as radiation density.
Radiation intensity in a given direction, instead, is defined as the power radiated from an
antenna per unit solid angle. The radiation intensity is a far field parameter, and can be
obtained multiplying the radiation density by the square of the distance.
1.3
Directivity
Directivity of an antenna is defined as the ratio of the radiation intensity in a given direction
from the antenna to the radiation intensity averaged over all directions. The average
radiation intensity is equal to the total power radiated by the antenna divided by 4
Π. If the
direction is not specified, the direction of maximum radiation intensity is implied.
For an isotropic source, it is very obvious that the directivity is unity since its power is
radiated equally well in all directions. For all other sources, the maximum directivity is
always greater than unity. It is a relative “figure of merit” which gives an indication of the
directional properties of the antenna as compared with those of an isotropic source.
1.4
Antenna gain
Gain is perhaps the most widely used descriptor for antenna performance. However, more
than one definition or interpretation is in common use. Most antennas are passive devices
and hence do not have power gain in the sense that an amplifier may exhibit power gain. But
when viewed from the standpoint of a distant receiver, a particular antenna may radiate
much more power in a given direction than an isotropic antenna. Therefore, gain is defined
as the ratio of the intensity, in a given direction, to the radiation intensity that would be
obtained if the power accepted by the antenna were radiated isotropically. The radiation
intensity corresponding to the isotropically radiated power is equal to the power accepted
(input) by the antenna divided by 4
Π. So it is very important to understand: “the gain of a
passive antenna doesn't represent any real power gain”.
Gain is sometimes referenced to something other than a hypothetical isotropic source. Most
commonly, gain is referenced to a half-wave linear filamentary dipole. If the gain is referred
to the isotropic source, the unit is written as “dBi”. If, therefore, the gain is referred to the
half-wave dipole antenna, the unit is written as “dBd”. The gain in dBd = gain in dBi - 2.15
dB.
Gain is defined by the narrow viewpoint of a localized receiver as the ratio of input power
required using a perfectly efficient (lossless) isotropic antenna to achieve a particular
intensity at a specific location to that required when using the antenna in question.
Therefore, an antenna with 3 dB of gain in a particular direction would require half as much
power as an isotropic source to achieve the same intensity. Therefore, it can be seen that for
the purposes of a link budget, the gain of an antenna can be treated the same as the gain of
an active device such as an amplifier.
Note that the total power radiated from an antenna is related to the total input power by a
coefficient called antenna radiation efficiency. The greater the radiation efficiency, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com