Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 14Page - STMicroelectronics AN4190 Datasheet HTML 15Page - STMicroelectronics AN4190 Datasheet HTML 16Page - STMicroelectronics AN4190 Datasheet HTML 17Page - STMicroelectronics AN4190 Datasheet HTML 18Page - STMicroelectronics AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Antennas for low power applications
AN4190
18/29
Doc ID 023812 Rev 1
its circumference approaches one free space wavelength, the maximum of the patterns
shifts from the plane of the loop to the axis of the loop which is perpendicular to its plane.
The radiation resistance of the loop can be increased, and made comparable to the
characteristic impedance of the practical transmission line, by increasing (electrically) its
perimeter. Another way to increase the radiation resistance of the loop is to insert, within its
circumferences or perimeter, a ferrite core of very high permeability which raises the
magnetic field intensity and hence the radiation resistance. This form is called ferrite loop.
The loop is entirely different from a monopole, in that both ends of the antenna are
terminated. In this case, the end that is opposite the transmitter (or receiver) is grounded. A
capacitor is used to tune the antenna to real impedance, instead of a coil.
One advantage of a loop is that it is not easily detuned by nearby hand movements. A
disadvantage of loop antennas, besides the poor gain, is the narrow bandwidth which
makes tuning extremely critical.
2.1.4
Spiral antenna
Spiral antennas belong to the class of frequency independent antennas; those with a very
large bandwidth. The fractional can be as high as 30:1. This means that if the lower
frequency is 1 GHz, the antenna may still be in band at 30 GHz, and every frequency in
between. An example of a spiral antenna is shown in Figure 13.
Spiral antennas are usually circularly polarized. The spiral antenna's radiation pattern
typically has a peak radiation direction perpendicular to the plane of the spiral (see
Figure 14).
Spiral antennas are widely used in the defense industry for sensing applications, where very
wideband antennas that do not take up much space are needed. Spiral antenna arrays are
used in military aircraft in the 1 - 18 GHz range. Other applications of spiral antenna include
GPS, where it is advantageous to have right-hand circularly polarized antennas.
The best known spiral antenna is the log-periodic one. This antenna, also known as the
equiangular spiral antenna, has each arm defined by the polar function:
Equation 6
where:
R0 = constant that controls the initial radius of the spiral antenna
a = parameter that controls the rate at which the spiral antenna grows
rR
0e
a
φ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com