Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics AN4190 Datasheet HTML 24Page - STMicroelectronics AN4190 Datasheet HTML 25Page - STMicroelectronics AN4190 Datasheet HTML 26Page - STMicroelectronics AN4190 Datasheet HTML 27Page - STMicroelectronics AN4190 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Antennas for low power applications
AN4190
24/29
Doc ID 023812 Rev 1
Figure 19.
Ceramic antenna
2.4
Slot antenna
A slot antenna consists of a metal surface, usually a flat plane, with a hole or slot cut into it.
When the plate is driven as an antenna by a driving frequency, the slot radiates
electromagnetic waves in a similar way to a dipole antenna. The shape and size of the slot,
as well as the driving frequency, determine the radiation distribution pattern.
Slot antennas are typically used at UHF and microwave frequencies when greater control of
the radiation pattern is required. The slot antenna is popular because it can be cut out of
whatever surface it is to be mounted on, and have radiation patterns that are roughly
omnidirectional (similar to a linear wire antenna). The polarization of a slot antenna is linear.
The slot size, shape, and what is found inside the cavity of the cut-out antenna, offer design
variables that can be used to tune performance.
Slot antennas are widely used in radar antennas, for the sector antennas, for cell phone
base stations, and are often found in standard desktop microwave sources.
A slot antenna's main advantages are its size, design simplicity, robustness, and convenient
adaptation to mass production using PC board technology.
Two examples of slot antenna and relative 3D radiation pattern are shown in Figure 20.
Figure 20.
Slot antenna implementation and 3D radiation pattern
AM16443v1
AM16444v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com