Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 13Page - STMicroelectronics AN4190 Datasheet HTML 14Page - STMicroelectronics AN4190 Datasheet HTML 15Page - STMicroelectronics AN4190 Datasheet HTML 16Page - STMicroelectronics AN4190 Datasheet HTML 17Page - STMicroelectronics AN4190 Datasheet HTML 18Page - STMicroelectronics AN4190 Datasheet HTML 19Page - STMicroelectronics AN4190 Datasheet HTML 20Page - STMicroelectronics AN4190 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN4190
Antennas for low power applications
Doc ID 023812 Rev 1
17/29
feeding point towards the end. The inverted-F antenna is an inverted-L antenna with a
feeding tap that gives larger antenna impedance. If the antenna is tapped at the right
location, no additional matching circuit is required.
Figure 11.
Inverted-L antenna
Figure 12.
Inverted-F antenna
2.1.3
Loop antenna
The single-turn loop antenna is a metallic conductor bent into the shape of a closed curve,
such as a circle or a square, with a gap in the conductor to form the terminals. A multi-turn
loop or coil is a series connection of overlaying turns. The loop is one of the primary antenna
structures.
The discussion of loop antennas is conveniently divided according to electrical size.
Electrically small loops, those whose total conductor length is small compared with the
wavelength in free space (less than about one-tenth of a wavelength), are the most
frequently encountered in practice. For example, they are commonly used as receiving
antennas with portable radios, as directional antennas for radio-wave navigation, or as
probes with field-strength meters. Electrically larger loops, particularly those near resonant
size (circumference of loop/wavelength
≈ 1), are used mainly as elements in directional
arrays.
The small loop antenna is also known as a magnetic loop since it behaves electrically as a
coil with a small but not negligible radiation resistance due to its finite size. It can be
analyzed as coupled directly to the magnetic field in the near field region, which itself is
coupled to an electromagnetic wave in the far field. Loop antennas with electrically small
circumferences or perimeters have small radiation resistances that are usually smaller than
their loss resistances. Therefore they are very poor radiators, and they are seldom
employed for transmission in radio communication. When they are used in any such
application, it is usually in the receiving mode, such as in portable radios and pagers, where
antenna efficiency is not as important as the signal to noise ratio. The field pattern of
electrically small antennas of any shape (circular, elliptical, rectangular, square, etc.) is
similar to that of an infinitesimal dipole with a null perpendicular to the plane of the loop and
with its maximum along the plane of the loop. As the overall length of the loop increases and
AM16406v1
AM16436v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com