| Electronic Components Datasheet Search |
|
AN4190 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4190 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() Antennas for low power applications AN4190 20/29 Doc ID 023812 Rev 1 The ‘a’ parameter, called flare rate, is the rate at which the spiral grows with angle. If it is too small, the spiral is tightly wrapped around itself: in this case it behaves more like a capacitor giving poor radiation. The feed structure determines the high end of the operating band. How tightly the spiral can be wrapped in on itself determines how small the wavelength can be that fits on the spiral and still maintains spiral antenna operation. The highest frequency in the spiral antenna's operating band occurs when the innermost radius of the spiral is equal to lambda/4. 2.1.5 Helical antenna A basic, simple and practical configuration of an electromagnetic radiator is that of a conducting wire wound in the form of a screw thread forming a helix. In most cases the helix is used with a ground plane. The geometrical configuration of a helix, as shown in Figure 15, usually consists of N turns, diameter D and spacing S between each turn. Another important parameter is the pitch angle α which is the angle formed by a line tangent to the helix wire and a plane perpendicular to the helix axis. Helical antennas can operate in one of two principal modes: normal mode or axial mode. In the normal mode of operation the field radiated by the antenna is maximum in a plane normal to the helix axis and minimum along its axis. To achieve normal mode operation, the dimensions of the helix are usually small compared to the wavelength. These simple and practical antennas were primarily designed to replace very large antennas. Their reduced size is therefore most suitable to mobile and portable communication systems. A more practical mode of operation, which can be generated with great ease, is the axial or end fire mode. In this mode of operation, there is only one major lobe and its maximum radiation intensity is along the axis of the helix, as shown in Figure 16. The minor lobes are at an oblique angle of the axis. To excite this mode, the diameter and spacing must be large fractions of the wavelength. Most often the antenna is used in conjunction with a ground plane, whose diameter is at least lambda/2. The helical antenna that works in axial mode produces circular polarization. In radio transmissions, circular polarization is often used where the relative orientation of the transmitting and receiving antennas cannot be easily controlled, such as animal tracking and spacecraft communications, or where the polarization of the signal may change. Since large helices are difficult to build and unwieldy to steer and aim, the design is commonly employed only at higher frequency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |