Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 21Page - STMicroelectronics AN4190 Datasheet HTML 22Page - STMicroelectronics AN4190 Datasheet HTML 23Page - STMicroelectronics AN4190 Datasheet HTML 24Page - STMicroelectronics AN4190 Datasheet HTML 25Page - STMicroelectronics AN4190 Datasheet HTML 26Page - STMicroelectronics AN4190 Datasheet HTML 27Page - STMicroelectronics AN4190 Datasheet HTML 28Page - STMicroelectronics AN4190 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN4190
Antenna advantages and disadvantages
Doc ID 023812 Rev 1
25/29
3
Antenna advantages and disadvantages
After the antenna theory, where the most important parameters of the antennas have been
covered, and after the description of the main types of antennas that can be used in the sub-
GHz bandwidth, a description of the main advantages and disadvantages of each antenna
is shown here.
●
Dipole antenna: this antenna is a very simple chip and presents a good gain. The main
disadvantage is the large size at low frequency.
●
Whip antenna: this antenna presents good performance with a size lower than a dipole
antenna. A good ground plane is necessary to achieve good performance.
●
Loop antenna: loop antennas are cheap and not easily detuned by nearby hand
movements. They have the disadvantage of having poor gain, to be very narrowband
and are difficult to tune.
●
Spiral antenna: spiral antennas have a size lower than a whip antenna and are
wideband. On the negative side, these types of antennas are difficult to feed.
●
Helical antenna: helical antennas are very directive and have good gain. However, they
have a bulky size and are easily detuned by nearby objects.
●
Microstrip antenna: microstrip antennas have the advantage of being very cheap and
have a simple and thin structure. As a negative, they are very large at low frequency.
●
Ceramic antenna: ceramic antennas have the advantage of being separate
components, have a small size and are less affected by environmental factors. The
main disadvantages are the high cost, the medium performance and the matching
function of the PCB size and shape of the ground plane.
●
Slot antenna: slot antennas have the advantage of size, design simplicity, robustness
and convenient adaption to mass production. The main disadvantage is the big
dimension for low frequency that makes the slot antenna difficult to manage for
frequencies lower than 433 MHz.
The antenna advantages and disadvantages are summarized in Table 2.
Table 2.
Antenna types advantages and disadvantages
Antenna types
Advantage
Disadvantage
Dipole antenna
– Very cheap
– Good gain
– Difficult to design for frequencies lower than 433
MHz
– Large size at low frequency
Whip antenna
– Good performance
– High cost
Loop antenna
– Cheap
– Not easily detuned by hand
movements
– Poor gain
– Very narrowband
– Difficult to tune
Spiral antenna
– Lower size than whip
– Wideband
– Difficult to feed
Helical antenna
– Very directive
– Good gain
– Mechanical construction
–Bulky size
– Easily detuned by nearby objects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com