Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics AN4190 Datasheet HTML 10Page - STMicroelectronics AN4190 Datasheet HTML 11Page - STMicroelectronics AN4190 Datasheet HTML 12Page - STMicroelectronics AN4190 Datasheet HTML 13Page - STMicroelectronics AN4190 Datasheet HTML 14Page - STMicroelectronics AN4190 Datasheet HTML 15Page - STMicroelectronics AN4190 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Antenna theory
AN4190
12/29
Doc ID 023812 Rev 1
In Table 1 the ratio from the power received from a receiver antenna and the maximum
power transmitted from a transmit antenna as a function of the polarization is shown. If the
antennas are the same, all the transmitted power is received, if the antennas are opposite,
for instance vertical in TX and horizontal in RX, the power received is zero.
1.8
Input impedance
The ability of an antenna to accept power from a source is determined by the input
impedance the antenna presents. For maximum power transfer, the input impedance should
exactly match the output impedance of the source. Strictly speaking, for maximum power
transfer the input impedance of the antenna must be the complex conjugate of the source's
output impedance. Essentially, all the RF sources exhibit real output impedance, with the
vast majority having output impedance of 50
Ω. The 50 Ω system impedance level was
chosen as the standard coaxial cable impedance and represents a good compromise
between dissipative loss and power handling. On the other hand, over a broad bandwidth,
the complex input impedance of an antenna differs greatly from 50
Ω.
The complex reflection coefficient at the input of the antenna is:
Equation 2
where:
Zinput = antenna's complex input impedance
Z0 = source/system impedance
The power reflected is equal to the incident (forward) power multiplied by the square of the
magnitude of the complex input reflection coefficient. The reflected power is the fraction of
the total power provided to the antenna that returns to the load.
Table 1.
Ratio of power received to maximum power
Transmit antenna
polarization
Receive antenna
polarization
Ratio of power received to maximum
power
Ratio
Ratio [dB]
Vertical
Vertical
1
0
Vertical
45 or 135 degree
½
-3
Vertical
Horizontal
0
-
∞
Vertical
Circular (right or left)
½
-3
Horizontal
Horizontal
1
0
Horizontal
45 or 135 degree
½
-3
Horizontal
Circular (right or left)
½
-3
Circular (right-hand)
Circular (right-hand)
1
0
Circular (right-hand)
Circular (left-hand)
0
-
∞
Circular (right or left)
45 or 135 degree
½
-3
Γ
Z
input
Z
o
–
()
Z
input
Z
o
+
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com