Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4190 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4190
Description  Antenna selection guidelines
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4190 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4190 Datasheet HTML 6Page - STMicroelectronics AN4190 Datasheet HTML 7Page - STMicroelectronics AN4190 Datasheet HTML 8Page - STMicroelectronics AN4190 Datasheet HTML 9Page - STMicroelectronics AN4190 Datasheet HTML 10Page - STMicroelectronics AN4190 Datasheet HTML 11Page - STMicroelectronics AN4190 Datasheet HTML 12Page - STMicroelectronics AN4190 Datasheet HTML 13Page - STMicroelectronics AN4190 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Antenna theory
AN4190
10/29
Doc ID 023812 Rev 1
application. Usually there is a distinction made between pattern and input impedance
variations. Accordingly, pattern bandwidth and impedance bandwidth are used to
emphasize this distinction. Associated with pattern bandwidth are gain, side lobe level, and
polarization, while input impedance and radiation efficiency are related to impedance
bandwidth.
1.7
Antenna polarization
Polarization of an antenna in a given direction is defined as the polarization of the wave
transmitted by the antenna. When the direction is not stated, the polarization is taken to be
the polarization in the direction of maximum gain. In practice, polarization of the radiated
energy varies with the direction from the center of the antenna, so that different parts of the
pattern may have different polarizations.
Polarization of a radiated wave is defined as that property of an electromagnetic wave
describing the time varying direction and relative magnitude of the electric filed vector;
specifically, the figure traced as a function of time by the extremity of the vector at a fixed
location in space, and the sense in which it is traced, as observed along the direction of
propagation. Polarization, then, is the curve traced by the end point of the arrow
representing the instantaneous electric field.
Polarization may be classified as linear, circular or elliptical (see Figure 6). If the vector that
describes the electric field at a point in space as a function of time is always directed along
a line, the field is said to be linearly polarized (horizontally or vertically). In general, however,
the figure that the electric field traces is an ellipse, and the field is said to be elliptically
polarized. Linear (see Figure 6) and circular (see Figure 7) are special cases of elliptical
polarization, and they can be obtained when the ellipse becomes a straight line or a circle,
respectively. The figure of the electric field is traced in a clockwise or counterclockwise
sense. Clockwise rotation of the electric field vector is designated as right-hand polarization
and counterclockwise as left-hand polarization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com