Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 8Page - STMicroelectronics AN4570 Datasheet HTML 9Page - STMicroelectronics AN4570 Datasheet HTML 10Page - STMicroelectronics AN4570 Datasheet HTML 11Page - STMicroelectronics AN4570 Datasheet HTML 12Page - STMicroelectronics AN4570 Datasheet HTML 13Page - STMicroelectronics AN4570 Datasheet HTML 14Page - STMicroelectronics AN4570 Datasheet HTML 15Page - STMicroelectronics AN4570 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Interfacing with a non-multiplexed, asynchronous 16-bit NOR Flash memory
AN4570
12/46
DocID026804 Rev 1
Using the memory timings in Table 4 and the FMC asynchronous timings in Table 3, we can
compute the following values:
•
For the M29W128 NOR Flash memory, the timings are:
–
Address setup time: 0x0
–
Data setup time: 0x3
•
For the S29GL128P NOR Flash memory, the timings are:
–
Address setup time: 0x2
–
Data setup time: 0x3
Note:
The S29GL128P NOR Flash memory timings are also valid for the M29W128 NOR Flash
memory.
Table 4. NOR Flash memory timings
Symbols
Parameter
Value
Unit
M29W128xx70 S29GL128P90
tWC
Address valid to next address valid for write
operation
70
90
ns
tRC
Address valid to next address valid for read
access
70
90
ns
tWP
Write Enable low to Write Enable high
45
35
ns
tAVQV
Address valid to output valid
70
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com