Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics AN4570 Datasheet HTML 40Page - STMicroelectronics AN4570 Datasheet HTML 41Page - STMicroelectronics AN4570 Datasheet HTML 42Page - STMicroelectronics AN4570 Datasheet HTML 43Page - STMicroelectronics AN4570 Datasheet HTML 44Page - STMicroelectronics AN4570 Datasheet HTML 45Page - STMicroelectronics AN4570 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DocID026804 Rev 1
43/46
AN4570
STM32F30xxD/E FMC configuration in 100-pin packages
45
5
STM32F30xxD/E FMC configuration in 100-pin
packages
The FMC is present in devices delivered in both 144-pin and 100-pin packages. For devices
in 100-pin packages, however, only some FMC banks can be used because not all pins are
available.
5.1
Interfacing the FMC with a NAND Flash memory
In devices that come in 100-pin packages, only Bank2 can be used to interface the FMC
with an 8-/16-bit NAND Flash memory. This is because the NCE3 pin is not available in
these packages.
Likewise, no interrupt can be used because the two interrupt pins INT2 and INT3 are not
available in 100-pin packages.
Table 10 shows how to connect an 8-/16-bit NAND Flash memory to the FMC peripheral of
devices delivered in 100-pin packages.
Table 10. NAND Flash memory connection to the FMC
8-/16-bit NAND memory pins
FMC pins
100-pin package
E
NCE2/NCE3
NCE2
R
NOE
NOE
W
NWE
NWE
AL
A17
A17
CL
A16
A16
R/B
NWAIT/INT2/INT3
NWAIT
I/O0-I/O7
D0-D7
D0-D7
I/O8-I/O15
D8-D15
D8-D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com