Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics AN4570 Datasheet HTML 32Page - STMicroelectronics AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics AN4570 Datasheet HTML 36Page - STMicroelectronics AN4570 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID026804 Rev 1
33/46
AN4570
Interfacing with an 8-bit NAND Flash memory
45
Bank2 is selected to support the NAND Flash device. Based on these data, the FMC is
configured as follows:
•
Bank2 is enabled: PCR2_PBKEN bit set to ‘1’
•
Memory type is NAND Flash: PCR2_PTYP is set to ‘1’ to select the NAND Flash
memory type.
•
Data bus width is 8 bit: PCR2_PWID is set to ‘00’ to select 8-bit width.
•
ECC page size is 512 bytes: PCR2_ECCPS is set to ‘001’ to set the ECC computation
page size to 512 bytes.
•
ECC hardware calculation on/off as needed: PCR2_ECCEN is set or reset accordingly.
•
Wait feature may or not be enabled depending on the user’s application:
PCR2_PWAITEN is set or reset as needed.
The Ready/Busy memory signal can be connected to the FSMC_NWAIT pin, and in this
case the Wait feature must be used to manage the NAND Flash operations.
When using the NAND Flash memory with the wait feature enabled, the controller waits for
the NAND Flash to be ready to become active before starting a new access. While waiting,
the controller maintains the NCE signal active (low).
Generally, the Ready/Busy signal is an open-drain output. To connect this signal to the
STM32F30xxD/E microcontroller, the corresponding pin must be configured as input pull-up.
The Ready/Busy signal can be used as an interrupt source for the FMC and, in this case,
the CPU can perform other tasks during NAND Flash operations.
Three FMC configurations make it possible to use this signal as an interrupt. For that
purpose, the IREN, IFEN or ILEN bits in the SR2 register are used to select the rising edge,
the falling edge or the high level of the NAND Flash Ready/Busy signal.
4.2
Timing computation
Besides configuring the different features that are to be used with the NAND Flash memory,
the user has to initialize the controller to meet the memory timings.
As described in Section 4.1, the FMC is able to program four different timings for the
common space and the attribute space independently: Setup time, Wait time, Hold time
and Data-bus HiZ time.
These parameters are computed according to the NAND Flash memory characteristics and
the STM32F30xxD/E HCLK clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com