Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics AN4570 Datasheet HTML 40Page - STMicroelectronics AN4570 Datasheet HTML 41Page - STMicroelectronics AN4570 Datasheet HTML 42Page - STMicroelectronics AN4570 Datasheet HTML 43Page - STMicroelectronics AN4570 Datasheet HTML 44Page - STMicroelectronics AN4570 Datasheet HTML 45Page - STMicroelectronics AN4570 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Interfacing with an 8-bit NAND Flash memory
AN4570
42/46
DocID026804 Rev 1
When an error occurs during the write operation, this error is either correctable or
uncorrectable depending on the ECC XOR operation:
•
Case of a correctable error
The ECC XOR operation contains 11-bit data at 1. And each pair parity is 0x10 or 0x01.
•
Case of an ECC error
The ECC XOR operation contains only one bit at 1.
•
Case of an uncorrectable error
The ECC XOR operation is random data. In this case the page data cannot be
corrected.
Based on the flowchart shown in Figure 12, the correction software is easy to implement.
The first step consists in detecting whether an error occurred during the write operation. If
that was the case, the second step consists in determining if the error is correctable or not. If
it is correctable, then the third step consists in correcting the error.
The error correction is based on the second ECC generated after the read operation. The
error location can be identified from this code. Usually, the following data are extracted from
the ECC:
P1024, P512, P256, P128, P64, P32, P16, P8, P4, P2, P1, where Px are the line and
column parity.
In case of an 8-bit memory, P4, P2, P1 define the error bit position. And P1024, P512, P256,
P128, P64, P32, P16, P8 define the error byte position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com