Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 9Page - STMicroelectronics AN4570 Datasheet HTML 10Page - STMicroelectronics AN4570 Datasheet HTML 11Page - STMicroelectronics AN4570 Datasheet HTML 12Page - STMicroelectronics AN4570 Datasheet HTML 13Page - STMicroelectronics AN4570 Datasheet HTML 14Page - STMicroelectronics AN4570 Datasheet HTML 15Page - STMicroelectronics AN4570 Datasheet HTML 16Page - STMicroelectronics AN4570 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
DocID026804 Rev 1
13/46
AN4570
Interfacing with a non-multiplexed, asynchronous 16-bit NOR Flash memory
45
2.3
Hardware connection
Table 5 gives the correspondence between the NOR Flash memory pins and the FMC pins
and shows the GPIO configuration for each FMC pin.
In case of an 8-bit NOR Flash memory, the data/address bus is 8-bit wide and D8-D15
should not be connected to the FMC. The unused FMC pins can be used for general
purpose I/O.
In case of a synchronous memory, the FSMC_CLK pin should be connected to the memory
clock pin.
Figure 5 shows a typical connection between an STM32F30xxD/E microcontroller and the
M29W128FL NOR Flash memory.
Table 5. M29W128FL signal to FMC pin correspondence
Memory
signals
FMC
signals
Pin / Port assignment
Pin / Port
configuration
Signal description
A0-A22
A0-A22
Port F/Port G/Port E/Port
D/PortH
AF push-pull
Address A0-A22
DQ0-DQ7
D0-D7
Port D/Port E
AF push-pull
Data D0-D7
DQ8-DQ14
D8-D14
Port D/Port E
AF push-pull
Data D8-D14
DQ15A-1
D15
PD10
AF push-pull
Data D15
E
NE2
PG9
AF push-pull
Chip Enable
G
NOE
PD4
AF push-pull
Output Enable
W
NWE
PD5
AF push-pull
Write Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com