Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4570 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics AN4570 Datasheet HTML 40Page - STMicroelectronics AN4570 Datasheet HTML 41Page - STMicroelectronics AN4570 Datasheet HTML 42Page - STMicroelectronics AN4570 Datasheet HTML 43Page - STMicroelectronics AN4570 Datasheet HTML 44Page - STMicroelectronics AN4570 Datasheet HTML 45Page - STMicroelectronics AN4570 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
STM32F30xxD/E FMC configuration in 100-pin packages
AN4570
44/46
DocID026804 Rev 1
5.2
Interfacing the FMC with a NOR Flash memory
In devices that come in 100-pin packages, only Bank 1 (NOR/PSRAM 1) can be used to
interface with a NOR Flash memory. This is because the NE2, NE3 and NE4 pins are not
available in these packages.
Likewise, the A0-A15 pins are not available, so the NOR Flash controller should be used in
multiplexed mode to use the data bus for both address and data.
In 8-bit muxed mode, the FMC address signals A[15:8] are available on the AD[15:8] pins.
Table 11 shows how to connect a NOR Flash memory to the FMC peripheral of devices
delivered in 100-pin packages.
Table 11. NOR Flash memory connection to the FMC
8-/16-bit NOR/PSRAM pins
FMC pins
100-pin package
A[15:0]
A[15:0]
DA[15:0]
A[23:16]
A[23:16]
A[23:16]
DQ[15:0]
D[15:0]
D[15:0]
W
NWE
NWE
E
NE1/NE2/NE3/NE4
NE1
G
NOE
NOE
ADV
NADV
NADV
R/B
NWAIT
NWAIT
UB, LB
NBL[1:0]
NBL[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com