Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 12 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 12 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 8Page - Connor-Winfield Corporation SM34 Datasheet HTML 9Page - Connor-Winfield Corporation SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation SM34 Datasheet HTML 12Page - Connor-Winfield Corporation SM34 Datasheet HTML 13Page - Connor-Winfield Corporation SM34 Datasheet HTML 14Page - Connor-Winfield Corporation SM34 Datasheet HTML 15Page - Connor-Winfield Corporation SM34 Datasheet HTML 16Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 12
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Detailed Description continued
Output Signals and Frequency
Output 1 is the primary output, and in locked mode is synchronized to the selected reference. Output 1 may be any of the
following frequencies: 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz or 77.76 MHz.
8k_Out is available as a frame reference or synchronization signal for cross-coupled pairs of SM34 devices operated in master/
slave mode. In master mode, 8k_Out is synchronized to the selected reference. In slave mode, 8k_Out is in phase with the
M/S REF
offset by the value written to the
Phase_offset register (+31.75 to -32nS, with .25nS resolution). 8k_Out may be a 50% duty cycle
signal, or variable high-going pulse width, as determined by the
Ctl_Mode and Fr_Pulse_Width registers. In variable pulse width
mode, the width may be from 1 to 15 multiples of the
Output 1 cycle time. See Register Descriptions and Operation section.
BITS_Clk is the BITS clock output at either 1.544 MHz or 2.048 MHz. It is selected by the BITS_SEL input and its state may be
read in bit 3 of the Ctl_Mode register. When BITS_SEL = 1, the BITS frequency is 1.544 MHz, and when BITS_SEL = 0, the BITS
frequency is 2.048 MHz.
Interrupts
The SM34 module supports eight different interrupts and appears in
INTR_EVENT (0x12) register. Each interrupt can be
individually enabled or disabled via the
INTR_ENABLE (0x13) register. Each bit enables or disables the corresponding interrupt from
asserting the
SPI_INT pin. Interrupt events still appear in the INTR_EVENT (0x12) register independent of their enable state. All
interrupts are cleared once
INTR_EVENT (0x12) register is read. The interrupts are:
•
Any reference changing from available to not available
•
Any reference changing from not available to available
•
M/S REF changing from activity to no activity
•
M/S REF changing from no activity to activity
•
DPLL Mode status change
•
Reference switch in automatic reference selection mode
•
Loss of Signal
•
Loss of Lock
Interrupts and Reference Change in Autonomous Mode
Interrupts can be used to determine the cause of a reference change in autonomous mode. Let us assume that the module is
currently locked to
REF1. The module switches to REF2 and SPI_INT pin is asserted. The user reads the INTR_EVENT (0x12)
register.
If the module is operating in autonomous non-revertive mode, the cause can be determined from bits 4, 5, 6 and 7. Bit 5 is set to
indicate Active reference change. If Bit 6 is set then the cause of the reference change is Loss of Active Reference. If Bit 7 is set then
the cause of the reference change is a Loss of Lock alarm on the active reference.
If the module is operating in autonomous revertive mode, the cause can be determined from bits 1, 4,5, 6 and 7. Bit 5 is set to
indicate Active reference change. If Bit 6 is set then the cause of the reference change is Loss of Active Reference. If Bit 7 is set
then the cause of the reference change is a Loss of Lock alarm on the active reference. If Bit 1 is set then the cause of the reference
change is the availability of a higher priority reference.
Note: The DPLL Mode Status Change bit (Bit 4) is also set to indicate a change in DPLL_STATUS (0x11) register, during an
interrupt caused by a reference change. The data in
DPLL_STATUS (0x11) register however is not useful in determining the cause of
a reference change. This is because bits 0-2 of this register always reflects the status of the current active reference and hence cannot
be used to determine the status of the last active reference.
Interrupts in Manual Mode
In manual operating mode, when the active reference fails due to a Loss of Signal or Loss of Lock alarm, an interrupt is generated.
For example, in case of a Loss of Signal, bits4 and 6 of
INTR_EVENT (0x12) register would be set to indicate Loss of Signal and
DPLL Mode Status Change. The user may choose to read the
DPLL_STATUS (0x11) register, though in manual mode bit6 of INTR_
EVENT (0x12) register is a mirror of bit0 of DPLL_STATUS (0x11) register. This holds true for a Loss of Lock alarm, where bit7 of
INTR_EVENT (0x12) register is a mirror of bit1 of DPLL_STATUS (0x11) register.
Internal Clock Calibration
The internal clock may be calibrated by writing a frequency offset v.s. nominal frequency into the Calibration register. This
calibration is used by the synchronization software to create a frequency corrected from the actual internal clock output by the value
written to the Calibration register. See register descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com