Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 26 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 26 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation SM34 Datasheet HTML 29Page - Connor-Winfield Corporation SM34 Datasheet HTML 30Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 26
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Application Notes continued
Master/Slave Configuration – A pair of devices are interconnected by cross-coupling their respective Output1 to the other
device’s
M/S REF input (See Figure 8). Additionally, the reference inputs for each device would typically be correspondingly the same,
so that when a Master/Slave switch occurs, synchronization would continue with the same reference. The references may be driven by
the same signal directly or via separate drivers, as the redundancy of that part of the system requires. Distribution path lengths are not
critical here, as a phase build-out will occur when a device switches from slave to master.
To accommodate path length delays in slave mode, the SM3 provides a programmable phase skew feature, which allows the
application to offset the output clock from the cross-reference signal by -32ns to +31.75ns. This offset may therefore be programmed
to exactly compensate for the actual path length delay associated with the particular application’s cross-reference traces. The offset
may be further adjusted to accommodate any output clock distribution path delay differences. Phase offset is programmed by writing
to the Phase_Offset register, and is typically a one-time device initialization function. (See register description and Register Access
Control sections). Thus, master/slave switches with the SM3 devices may be accomplished with near-zero phase hits.
Master/Slave Operation and Control – Master or slave state of a device is determined by the MASTER SELECT pin. Choosing
the master/slave states is a function of the application, based on the configuration of the rest of the system and potential detected fault
conditions.
When operating in Hardware Control or Register Access Manual Control mode, it is important to set the slave reference selection
the same as the master to ensure use of the same reference when/if the slave becomes master. In Register Access Manual Control
mode, the
Ref_Mask register should also be written to the same value for both devices.
Master/slave switches should be performed with minimal delay between switching the states of each of the two devices. This can
be easily accomplished, for example, by controlling the master/slave state with a single signal, coupled to one of the devices through
an inverter.
In the case of Register Access Automatic Control mode, where reference selection is automatic, it is necessary to read the
operational mode BITS 3-0) from the master’s
Op_Mode register and write it to the slave’s Op_Mode register. The master’s reference
selection will then be used by the slave when it becomes master. In addition to having the references populated the same, and in the
same order for both devices, it is desirable to write the reference frequency and priority registers
Ref(1-4)_Frq_Priority and the Ref_
Mask registers to the same values for both devices to ensure seamless master/slave switches.
Reset – Device reset is an initialization time function, which resets internal logic and register values. A reset is performed
automatically when the device is powered up. Registers return to their default values, as noted in the register descriptions. Device
mode and functionality following a reset are determined by the state of the various hardware control pins.
Holdover History Accumulation and Maintenance – Holdover history accumulation and maintenance may be controlled in
greater detail if register bus access to the device is provided. Holdover history accumulation and control encompasses three device
internal registers, three bus access registers for control and access, and two status bits in the
DPLL_Status register.
Once lock has been achieved, holdover history is compiled in the accumulation register. It is transferred to the Active holdover history
when it is ready (typically in about 15 minutes). The “Holdover Available” bit and output pin are set to “1”. From then on, the Active
holdover history is continually updated and kept in sync with the holdover history accumulation register. (See Figure 9).
Hold Over History
Accumulation Register
Active
Hold Over History
Backup
Hold Over History
Holdover History Register
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com