Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 25 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 25 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 21Page - Connor-Winfield Corporation SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation SM34 Datasheet HTML 29Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 25
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Master / Slave Configuration
Figure 8
STC3500
SM34
8 kHz
M/S REF
REF 8
REF 1
#2
SM34
#1
M/S REF
8 kHz
Synchronized clock output
Synchronized clock output
REF1
REF8
REF1
REF8
8K_OUT
OUTPUT1
BITS_CLK
OUTPUT1
8K_OUT
BITS_CLK
BITS c lock output
BITS clock output
Application Notes
Acceptable output frequencies are: 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz or 77.76MHz. The device will
autodetect the output frequency.
Reference Inputs – The application may supply up to 8 reference inputs, applied at input pins Ref1 - 8. They may each be 8
kHz, 1.544 MHz, 2.048 MHz, 12.96 MHz, 19.44 MHz, 25.92 MHz, 38.88 MHz, 51.84 MHz or 77.76 MHz. The device auto-detects the
reference frequencies, and they may be read from the Ref(1-8)_Frq_Priority registers in register control mode, as described in the
control mode sections that follow.
Reference switches are performed in a hitless manner. However, if the application externally changes the frequency of a particular
reference, the device requires 20ms to auto-detect the new frequency. Manual switches to a frequency changed reference should not
be made during this interval. Automatic reference selection mode accounts for the auto-detection in the reference qualification.
References would typically (but need not be) connected in decreasing order of usage priority. For example if redundant BITS clocks
are available, they would typically be assigned to
Ref1 and Ref2, with other transmission derived signals following thereafter.
Master/Slave operation – For some applications, reliability requirements may demand that the clock system be duplicated. The
SM34 device will support the master/slave duplicated configuration for such applications. To facilitate it’s use, the device includes the
necessary signal cross coupling and control functions. Redundancy for reliability implies two major considerations: 1) Maintaining
separate failure groups such that a failure in one group does not affect it’s mate, and 2) Physical and logical partitioning for repair,
such that a failed component can be replaced while the mate remains in service, if so desired. System design needs to account to
meet system level goals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com