Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 30 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 30 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation SM34 Datasheet HTML 29Page - Connor-Winfield Corporation SM34 Datasheet HTML 30Page - Connor-Winfield Corporation SM34 Datasheet HTML 31Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 30
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Required External Components
1.
Place series resistors (33 ohms) on all reference inputs (Pins 4 - 7 & 15-18).
2.
Place series resistors (33 ohms) on SPI_IN and SPI_CLK inputs (Pins 25, 26).
3.
Place one .01uF and one 47-100uF capacitor at the input power pin (Pin 27).
Mechanical Specifications continued
PCB Layout Recommendations
1.
Orient module so airflow is parallel along the header strips (pins).
2.
Place de-coupling and/or filter components as close to module pins as possible.
3.
Do not place any components directly beneath the module on the topside of the host PCB.
4.
Ensure that only clean and well-regulated power is supplied to the module.
5.
Isolate power and ground inputs to the module from noisy sources.
6.
Provide power and ground connections through a 0.050” wide trace (minimum) using 1-oz. Cu or equivalent copper feature
(i.e. internal plane, copper area fill, etc.).
7.
Keep module signals away from sensitive or noisy analog and digital circuitry.
8.
Avoid split ground planes as high-frequency return currents may be affected.
9.
Allow extra spacing between traces of high-frequency inputs and outputs.
10.
Keep all traces as short as possible - avoid meandering trace paths.
11.
Avoid routing signals directly beneath the module on the topside of the host PCB.
12.
If possible, provide a copper area directly beneath the module on the topside of the host PCB. Connect this copper area to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com