Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 31 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 31 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation SM34 Datasheet HTML 29Page - Connor-Winfield Corporation SM34 Datasheet HTML 30Page - Connor-Winfield Corporation SM34 Datasheet HTML 31Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Revision
Revision Date
Note
P00
2/23/07
PreliminaryInformationalRelease
P01
3/21/07
AddphotorenderingtoPg.1
P02
6/14/07
Pg.26,ClarifiedBoundaryScan
P03
7/25/07
CorrectedRegisters0x00&0x02onPg.12
P04
1/23/08
UpdatedInitializationProcedure,Pg.22
00
11/13/08
AddedInputPulseWidthSpectoTable1
01
07/12/10
InputPinsUpdates
02
02/07/11
SerialBusTimingupdatedgraphics
03
09/07/11
ChipRevisionRegisterupdated
04
03/22/12
Removedlastsentenceofreg0x24.AddedElec,
Specs,Tables1-4.Tables1-4.ChangedPin14&15to
NC.Addeddescriptionforreg0x05,Modifiedreg0x26
description. EditedHoldoverHistoryinAppNotes.
05
11/19/12
UpdatedDataSheettoFullRoHS
Ordering Information
SM34-XXX.XXM
Replace XXX.XX with one of the following available frequencies,
012.96MHz, 019.44MHz, 025.92MHz, 038.88MHz, 051.84MHz or 077.76MHz.
Similar Products from Connor-Winfield
SM3-XXX.XXM - Stratum 3 module with 4 input references.
SM3-MG-XXX.XXM - Stratum 3 module with 4 input references and an Output 2 @10 kHz
SM3-8R-XXX.XXM - Stratum 3 module with 8 input references.
SM3-IT-XXX.XXM - Industrial temperature rated Stratum 3 module with 4 input references.
SM3E--XXX.XXM - Stratum 3E module with 8 input references.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com