Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 24 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 24 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 20Page - Connor-Winfield Corporation SM34 Datasheet HTML 21Page - Connor-Winfield Corporation SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation SM34 Datasheet HTML 25Page - Connor-Winfield Corporation SM34 Datasheet HTML 26Page - Connor-Winfield Corporation SM34 Datasheet HTML 27Page - Connor-Winfield Corporation SM34 Datasheet HTML 28Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 24
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
SM34 Initialization continued
I. The unit starts up in Free Run and operates in Manual mode. Here are the steps that need to be taken to lock the unit to a
reference in Manual mode.
1.
Apply signal to the reference inputs.
2.
Set the appropriate pull in range by writing to address 0x06.
3.
A value of 0001xxxx, depending on which (Ref 1-8) reference to lock to, should be written to address 0x05.
4.
Enable Reference mask for appropriate references by writing a 1 to the reference bit in address 0x0b.
5.
Enable all Interrupts by writing 11111111 to address 0x13.
II. To lock the unit to a reference in autonomous (automatic) mode after power up or reset, the following steps should be taken.
You can also switch from Manual to Autonomous mode directly. When doing so, please ensure that the appropriate references are
available by checking REF_AVAILABLE register (address: 0x0c).
1.
Clear bit1 of CTL_MODE register (address: 0x04). This puts the module in autonomous mode.
2.
Apply signal to the reference inputs
3.
Set the appropriate pull in range by writing to address 0x06
4.
The default bandwidth of 0.098 Hz is appropriate for Stratum 3 operation.
5.
Enable Reference mask for appropriate references by writing a 1 to the reference bit in address 0x0b.
6.
Set priority and revertivity for the input references by writing to the appropriate Ref_Frq_Priority registers (bits 3-0).
7.
Enable all Interrupts by writing 11111111 to address 0x13.
8.
Set the unit to operate in autonomous mode by clearing bit1 of address 0x04
III. Slave Mode Operation:
1.
As a Slave, the module operates in Autonomous mode.
2.
The Bandwidth is set, by default, to 1.6Hz (Bandwidth_PBO register (Address 0x03): 00001011).
3.
Note that bit 4 of the OP_MODE register (Address 0x05) is cleared.
4.
The values in Bits 3-0 of this register have no effect on the operation of the Slave module.
5.
For the Slave module to track the Master accurately, an appropriate Phase Offset value should be written to
PHASE_OFFSET register (Address 0x0e), to compensate for the path delay.
6.
The module will lock to the Cross Reference Input (XREF) from the master.
IV RESET Parameters:
1.
The reset pin should be held low for a minimum of 10 milliseconds to ensure a complete reset occurs.
2.
The SPI interface should not be accessed for a minimum of 1200ms after the reset pin is de-asserted.
Switching Master/Slave designations:
The following steps need to be taken before making Master module a Slave and vice versa.
1.
Copy the value in the PHASE_OFFSET register (Address 0x0e) of the Slave to the Master module’s PHASE_OFFSET
register (Address 0x0e).
2.
Read the contents of Bits 3-0 of the Master’s OP_MODE register (Address 0x05) and copy it into Bits 3-0 of the Slave’s
OP_MODE register (Address 0x05).
3.
It is recommended that the contents of REF(1-4)_FRQ_PRIORITY registers (Address 0x1c-0x1f) and REF_MASK register
(Address 0x0b) from Master be copied to Slave to ensure seamless Master/Slave switches. Master/Slave switches should be
performed with minimal delay between switching the states of each of the two devices.
4.
If possible, always switch the slave module to master before switching the current master to slave to avoid instability that
could be caused by two slave modules attempting to track each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com