Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 14 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 14 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 10Page - Connor-Winfield Corporation SM34 Datasheet HTML 11Page - Connor-Winfield Corporation SM34 Datasheet HTML 12Page - Connor-Winfield Corporation SM34 Datasheet HTML 13Page - Connor-Winfield Corporation SM34 Datasheet HTML 14Page - Connor-Winfield Corporation SM34 Datasheet HTML 15Page - Connor-Winfield Corporation SM34 Datasheet HTML 16Page - Connor-Winfield Corporation SM34 Datasheet HTML 17Page - Connor-Winfield Corporation SM34 Datasheet HTML 18Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 14
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Register Descriptions and Operation continued
Op_Mode, 0x05 (R/W)
Bit 7 ~ Bit 5
Bit 4
Bit 3 ~ Bit 0
Reserved
MasterorSlaveMode
FreeRun,Locked,orHoldOver:
1:Master
0000:FreeRunmode
0:Slave
0001:LockedonRef1
(ReadOnly)
0010:LockedonRef2
0011:LockedonRef3
0100:LockedonRef4
0101:LockedonRef5
0110:LockedonRef6
0111:LockedonRef7
1000:LockedonRef8
1001-1111:HoldOver
Bit4ofthisregisterisread-onlyandfollowsthestateofthe
M/Spin.
Whenthedeviceisinslavemode,itwilllocktothe
Xrefinput,independentofthevalueswrittentobits3-0ofthe
Op_moderegister.Theoperationalmodeandreferenceselectionwrittentobits3-0whileinslavemodewill,however,
takeeffectwhenthedeviceismadethemaster.
Whenbit1ofthe
Ctl_Moderegisterisreset(automaticreferenceandmodeselection)andthedeviceisinmaster
mode,bits3-0ofthe
Op_Moderegisterbecomeread-only.
Whenbit1ofthe
Ctl_Moderegisteris1(manualreferenceandmodeselection),youwritetobit3-0toselecttheac-
tivereference,freerunorholdover.
Max_Pullin_Range, 0x06 (R/W)
Bit 7 ~ Bit 0
Maximumpull-inrangein0.1ppmunit
Thisregistershouldbesetaccordingtothevaluesspecifiedbythestandards(GR-1244)appropriatefortheparticular
stratumofoperation.Thepower-updefaultvalueis10ppm.(=4.6ppmaging+4.6ppmpullin+margin).
M/S REF_Activity, 0x07 (R)
Bit 7 ~ Bit 4
Bit 3 ~ Bit 0
Reserved
Crossreferenceactivity
0000:Nosignal
0001:8kHz
0100:12.96MHz
0101:19.44MHz
0110:25.92MHz
0111:38.88MHz
1000:51.84MHz
1001:77.76MHz
1010-1111:Reserved
Indicatessignalpresenceandauto-detectedfrequencyfortheM/SREFinput.
Ref_Activity, 0x08 (R)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ref8activity ref7activity
ref6activity
ref5activity
ref4activity
ref3activity
ref2activity
ref1activity
1:on
1:on
1:on
1:on
1:on
1:on
1:on
1:on
0:off
0:off
0:off
0:off
0:off
0:off
0:off
0:off
Eachbitindicatesthepresenceofasignalforthatreference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com