Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM34 Datasheet(PDF) 20 Page - Connor-Winfield Corporation

Part # SM34
Description  8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM34 Datasheet(HTML) 20 Page - Connor-Winfield Corporation

Back Button SM34 Datasheet HTML 16Page - Connor-Winfield Corporation SM34 Datasheet HTML 17Page - Connor-Winfield Corporation SM34 Datasheet HTML 18Page - Connor-Winfield Corporation SM34 Datasheet HTML 19Page - Connor-Winfield Corporation SM34 Datasheet HTML 20Page - Connor-Winfield Corporation SM34 Datasheet HTML 21Page - Connor-Winfield Corporation SM34 Datasheet HTML 22Page - Connor-Winfield Corporation SM34 Datasheet HTML 23Page - Connor-Winfield Corporation SM34 Datasheet HTML 24Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
SM34 Data Sheet #:
TM095
Page 20
Rev:
05 Date: 11/19/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Performance Definitions
Jitter and Wander – Jitter and wander are defined respectively as “the short-term and long-term variations of the significant
instants of a digital signal from their ideal positions in time”. They are therefore the phase or position in time modulations of a digital
signal relative to their ideal positions. These phase modulations can in turn be characterized in terms of their amplitude and frequency.
Jitter is defined as those phase variations at rates above 10Hz, and wander as those variations at rates below 10Hz.
Fractional frequency offset and drift – The fractional frequency offset of a clock is the ratio of the frequency error (from the
nominal or desired frequency) to the desired frequency. It is typically expressed as (n parts in 10X), or (n x 10-X). Drift is the measure
of a clock’s frequency offset over time. It is expressed the same way as offset.
Time Interval Error (TIE) – TIE is a measure of wander and is defined as the variation in the time delay of a given signal relative
to an ideal signal over a particular time period. It is typically measured in ns. TIE is set to zero at the start of a measurement, and thus
represents the phase change since the beginning of the measurement.
Maximum Time Interval Error (MTIE) – MTIE is a measurement of wander that finds the peak-to-peak variations in the time delay
of a signal for a given window of time, called the observation interval (t). Therefore it is the largest peak-to-peak TIE in any observation
interval of length t within the entire measurement window of TIE data. MTIE is therefore a useful measure of phase transients,
maximum wander and frequency offsets. MTIE increases monotonically with increasing observation interval.
Time Deviation (TDEV) – TDEV is a measurement of wander that characterizes the spectral content of phase noise. TDEV(t is the
RMS of filtered TIE, where the bandpass filter is centered on a frequency of 0.42/t.
SM34 Performance
Input Jitter Tolerance – Input jitter tolerance is the amount of jitter at its input a clock can tolerate before generating an indication
of improper operation. GR-1244 and ITU-813 requirements specify jitter amplitude v.s. jitter frequency for jitter tolerance. The SM34
device provides jitter tolerance that meets the specified requirements.
Input Wander Tolerance – Input wander tolerance is the amount of wander at its input a clock can tolerate before generating an
indication of improper operation. GR-1244 and ITU-813 requirements specify input wander TDEV v.s. integration time as shown below.
Integration Time, (seconds)
TDEV (ns)
0.05
≤
τ <10
100
10<
τ<1000
31.6x
τ 0.5
1000
≤
τ
N/A
The SM34 device provides wander tolerance that meets these requirements.
Phase Transient Tolerance – GR-1244 specifies maximum reference input phase transients that a clock system must tolerate
without generating an indication of improper operation. The phase transient tolerance is specified in MTIE(nS) v.s. observation time
from .001 to 100 seconds, as shown below.
Observation time S (Seconds)
MTIE (ns)
0.001326
≤S<0.0164
61,000xS
0.0164<S<1.97
925+4600xS
1.97
≤S
10,000
The SM34 will tolerate all reference input transients within the GR-1244 specification.
Free-run Frequency Accuracy – The ability of a clock to produce a frequency as close as possible to the nominal frequency in
the absence of a reference.
Hold Over Frequency Stability – A measure of a clock’s performance while in Hold Over mode over 24 hours, subjected to the
specified temperature variations.
Performance Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com