| Electronic Components Datasheet Search |
|
PIC16LC773-04/SS Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC773-04/SS Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 200 page ![]() PIC16C77X © 1999 Microchip Technology Inc. Advance Information DS30275A-page 29 3.2 PORTB and the TRISB Register PORTB is an 8-bit wide bi-directional port. The corre- sponding data direction register is TRISB. Setting a TRISB bit (=1) will make the corresponding PORTB pin an input, i.e., put the corresponding output driver in a hi-impedance mode. Clearing a TRISB bit (=0) will make the corresponding PORTB pin an output, i.e., put the contents of the output latch on the selected pin. EXAMPLE 3-1: INITIALIZING PORTB BCF STATUS, RP0 ; CLRF PORTB ; Initialize PORTB by ; clearing output ; data latches BSF STATUS, RP0 ; Select Bank 1 MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISB ; Set RB<3:0> as inputs ; RB<5:4> as outputs ; RB<7:6> as inputs Each of the PORTB pins has a weak internal pull-up. A single control bit can turn on all the pull-ups. This is per- formed by clearing bit RBPU (OPTION_REG<7>). The weak pull-up is automatically turned off when the port pin is configured as an output. The pull-ups are dis- abled on a Power-on Reset. The RB0 pin is multiplexed with the external interrupt (RB0/INT). FIGURE 3-4: BLOCK DIAGRAM OF RB0 PIN The RB1 pin is multiplexed with the SSP module slave select (RB1/SS). FIGURE 3-5: BLOCK DIAGRAM OF RB1/SS PIN The RB2 pin is multiplexed with analog channel 8 (RB2/AN8). FIGURE 3-6: BLOCK DIAGRAM OF RB2/AN8 PIN Data Latch RBPU(2) P VDD Q D CK Q D CK QD EN Data bus WR Port WR TRIS RD TRIS RD Port weak pull-up RD Port RB0/INT I/O pin(1) TTL Input Buffer Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). Schmitt Trigger Buffer TRIS Latch Data Latch RBPU(2) P VDD Q D CK Q D CK QD EN Data bus WR Port WR TRIS RD TRIS RD Port weak pull-up RD Port SS input I/O pin(1) TTL Input Buffer Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). Schmitt Trigger Buffer TRIS Latch Data Latch RBPU(2) P VDD Q D CK Q D CK QD EN Data bus WR Port WR TRIS RD TRIS RD Port weak pull-up RD Port To A/D converter I/O pin(1) TTL Input Buffer Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). TRIS Latch Analog input mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |