Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 29Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 30Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 31Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 32Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 33Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 34Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 35Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 36Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 33
TABLE 3-5
PORTC FUNCTIONS
TABLE 3-6
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input
RC1/T1OSI/CCP2
bit1
ST
Input/output port pin or Timer1 oscillator input or Capture2
input/Compare2 output/PWM2 output
RC2/CCP1
bit2
ST
Input/output port pin or Capture1 input/Compare1 output/PWM1
output
RC3/SCK/SCL
bit3
ST
RC3 can also be the synchronous serial clock for both SPI and I2C
modes.
RC4/SDI/SDA
bit4
ST
RC4 can also be the SPI Data In (SPI mode) or data I/O (I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or Synchronous Serial Port data output
RC6/TX/CK
bit6
ST
Input/output port pin or USART Asynchronous transmit or
Synchronous clock
RC7/RX/DT
bit7
ST
Input/output port pin or USART Asynchronous receive or
Synchronous data
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
87h
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com