Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 70Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 71Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 72Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 73Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 74Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 75Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 76Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 77Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 200 page
background image
PIC16C77X
DS30275A-page 74
Advance Information
© 1999 Microchip Technology Inc.
8.2.9
I2C MASTER MODE START CONDITION
TIMING
To initiate a START condition, the user sets the start
condition enable bit, SEN (SSPCON2<0>). If the SDA
and SCL pins are sampled high, the baud rate genera-
tor is re-loaded with the contents of SSPADD<6:0>,
and starts its count. If SCL and SDA are both sampled
high when the baud rate generator times out (TBRG),
the SDA pin is driven low. The action of the SDA being
driven low while SCL is high is the START condition,
and causes the S bit (SSPSTAT<3>) to be set. Follow-
ing this, the baud rate generator is reloaded with the
contents of SSPADD<6:0> and resumes its count.
When the baud rate generator times out (TBRG), the
SEN bit (SSPCON2<0>) will be automatically cleared
by hardware, the baud rate generator is suspended
leaving the SDA line held low, and the START condition
is complete.
8.2.9.5
WCOL STATUS FLAG
If the user writes the SSPBUF when an START
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 8-20: FIRST START BIT TIMING
Note:
If at the beginning of START condition the
SDA and SCL pins are already sampled
low, or if during the START condition the
SCL line is sampled low before the SDA
line is driven low, a bus collision occurs, the
Bus Collision Interrupt Flag (BCLIF) is set,
the START condition is aborted, and the
I2C module is reset into its IDLE state.
Note:
Because
queueing
of
events
is
not
allowed, writing to the lower 5 bits of
SSPCON2 is disabled until the START
condition is complete.
SDA
SCL
S
T
BRG
1st Bit
2nd Bit
T
BRG
SDA = 1,
At completion of start bit,
SCL = 1
Write to SSPBUF occurs here
T
BRG
Hardware clears SEN bit
T
BRG
Write to SEN bit occurs here.
Set S bit (SSPSTAT<3>)
and sets SSPIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com