Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 51Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 52Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 53Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 54Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 55Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 56Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 57Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 58Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 55
FIGURE 8-2:
SSPCON: SYNC SERIAL PORT CONTROL REGISTER (ADDRESS 14h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
R = Readable bit
W = Writable bit
- n = Value at POR reset
bit7
bit0
bit 7:
WCOL: Write Collision Detect bit
Master Mode:
1 = A write to the SSPBUF register was attempted while the I2C conditions were not valid for a
transmission to be started
0 = No collision
Slave Mode:
1 = The SSPBUF register is written while it is still transmitting the previous word
(must be cleared in software)
0 = No collision
bit 6:
SSPOV: Receive Overflow Indicator bit
In SPI mode
1 = A new byte is received while the SSPBUF register is still holding the previous data. In case of overflow,
the data in SSPSR is lost. Overflow can only occur in slave mode. In slave mode, the user must read the
SSPBUF, even if only transmitting data, to avoid setting overflow. In master mode, the overflow bit is not
set since each new reception (and transmission) is initiated by writing to the SSPBUF register. (Must be
cleared in software).
0 = No overflow
In I2C mode
1 = A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a "don’t care"
in transmit mode. (Must be cleared in software).
0 = No overflow
bit 5:
SSPEN: Synchronous Serial Port Enable bit
In both modes, when enabled, these pins must be properly configured as input or output.
In SPI mode
1 = Enables serial port and configures SCK, SDO, SDI, and SS as the source of the serial port pins
0 = Disables serial port and configures these pins as I/O port pins
In I2C mode
1 = Enables the serial port and configures the SDA and SCL pins as the source of the serial port pins
0 = Disables serial port and configures these pins as I/O port pins
bit 4:
CKP: Clock Polarity Select bit
In SPI mode
1 = Idle state for clock is a high level
0 = Idle state for clock is a low level
In I2C slave mode
SCK release control
1 = Enable clock
0 = Holds clock low (clock stretch) (Used to ensure data setup time)
In I2C master mode
Unused in this mode
bit 3-0: SSPM3:SSPM0: Synchronous Serial Port Mode Select bits
0000
= SPI master mode, clock = FOSC/4
0001
= SPI master mode, clock = FOSC/16
0010
= SPI master mode, clock = FOSC/64
0011
= SPI master mode, clock = TMR2 output/2
0100
= SPI slave mode, clock = SCK pin. SS pin control enabled.
0101
= SPI slave mode, clock = SCK pin. SS pin control disabled. SS can be used as I/O pin
0110
= I2C slave mode, 7-bit address
0111
= I2C slave mode, 10-bit address
1000
= I2C master mode, clock = FOSC / (4 * (SSPADD+1) )
1xx1
= Reserved
1x1x
= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com