Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 85Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 86Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 87Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 88Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 89Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 90Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 91Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 92Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 89
8.2.15
CLOCK ARBITRATION
Clock arbitration occurs when the master, during any
receive, transmit, or repeated start/stop condition, de-
asserts the SCL pin (SCL allowed to float high). When
the SCL pin is allowed to float high, the baud rate gen-
erator (BRG) is suspended from counting until the SCL
pin is actually sampled high. When the SCL pin is sam-
pled high, the baud rate generator is reloaded with the
contents of SSPADD<6:0> and begins counting. This
ensures that the SCL high time will always be at least
one BRG rollover count in the event that the clock is
held low by an external device (Figure 8-33).
8.2.16
SLEEP OPERATION
While in sleep mode, the I2C module can receive
addresses or data, and when an address match or
complete byte transfer occurs wake the processor from
sleep ( if the SSP interrupt is enabled).
8.2.17
EFFECTS OF A RESET
A reset disables the SSP module and terminates the
current transfer.
FIGURE 8-33: CLOCK ARBITRATION TIMING IN MASTER TRANSMIT MODE
SCL
SDA
BRG overflow,
Release SCL,
If SCL = 1 Load BRG with
SSPADD<6:0>, and start count
BRG overflow occurs,
Release SCL, Slave device holds SCL low.
SCL = 1 BRG starts counting
clock high interval.
SCL line sampled once every machine cycle (Tosc • 4).
Hold off BRG until SCL is sampled high.
T
BRG
T
BRG
T
BRG
to measure high time interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com