Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 72Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 73Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 74Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 75Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 76Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 77Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 78Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 79Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 200 page
background image
PIC16C77X
DS30275A-page 76
Advance Information
© 1999 Microchip Technology Inc.
8.2.10
I2C MASTER MODE REPEATED START
CONDITION TIMING
A Repeated Start condition occurs when the RSEN bit
(SSPCON2<1>) is programmed high and the I2C mod-
ule is in the idle state. When the RSEN bit is set, the
SCL pin is asserted low. When the SCL pin is sampled
low, the baud rate generator is loaded with the contents
of SSPADD<6:0>, and begins counting. The SDA pin
is released (brought high) for one baud rate generator
count (TBRG). When the baud rate generator times out,
if SDA is sampled high, the SCL pin will be de-asserted
(brought high). When SCL is sampled high the baud
rate generator is re-loaded with the contents of
SSPADD<6:0> and begins counting.
SDA and SCL
must be sampled high for one TBRG. This action is then
followed by assertion of the SDA pin (SDA is low) for
one TBRG while SCL is high. Following this, the RSEN
bit in the SSPCON2 register will be automatically
cleared, and the baud rate generator is not reloaded,
leaving the SDA pin held low. As soon as a start con-
dition is detected on the SDA and SCL pins, the S bit
(SSPSTAT<3>) will be set. The SSPIF bit will not be set
until the baud rate generator has timed-out.
Immediately following the SSPIF bit getting set, the
user may write the SSPBUF with the 7-bit address in
7-bit mode, or the default first address in 10-bit mode.
After the first eight bits are transmitted and an ACK is
received, the user may then transmit an additional eight
bits of address (10-bit mode) or eight bits of data (7-bit
mode).
8.2.10.6
WCOL STATUS FLAG
If the user writes the SSPBUF when a Repeated Start
sequence is in progress, then WCOL is set and the
contents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 8-22: REPEAT START CONDITION WAVEFORM
Note 1: If RSEN is programmed while any other
event is in progress, it will not take effect.
Note 2: A bus collision during the Repeated Start
condition occurs if:
• SDA is sampled low when SCL goes from low to
high.
• SCL goes low before SDA is asserted low. This
may indicate that another master is attempting
to transmit a data "1".
Note:
Because
queueing
of
events
is
not
allowed, writing of the lower 5 bits of
SSPCON2 is disabled until the Repeated
Start condition is complete.
SDA
SCL
Sr = Repeated Start
Write to SSPCON2
Write to SSPBUF occurs here.
Falling edge of ninth clock
End of Xmit
At completion of start bit,
hardware clear RSEN bit
1st Bit
Set S (SSPSTAT<3>)
T
BRG
T
BRG
SDA = 1,
SDA = 1,
SCL(no change)
SCL = 1
occurs here.
T
BRG
T
BRG
T
BRG
and set SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com