Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 66Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 67Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 68Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 69Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 70Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 71Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 72Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 73Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 200 page
background image
PIC16C77X
DS30275A-page 70
Advance Information
© 1999 Microchip Technology Inc.
8.2.3
SLEEP OPERATION
While in sleep mode, the I2C module can receive
addresses or data, and when an address match or
complete byte transfer occurs wake the processor from
sleep (if the SSP interrupt is enabled).
8.2.4
EFFECTS OF A RESET
A reset diables the SSP module and terminates the
current transfer.
TABLE 8-3
REGISTERS ASSOCIATED WITH I2C OPERATION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
POR, BOR
MCLR, WDT
0Bh, 8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
0Dh
PIR2
LVDIF
—
—
—BCLIF
—
—
CCP2IF
0--- 0--0
0--- 0--0
8Dh
PIE2
LVDIE
—
—
—BCLIE
—
—
CCP2IE
0--- 0--0
0--- 0--0
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
91h
SSPCON2
GCEN
AKSTAT
AKDT
AKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by the SSP in I2C mode.
Note
1:
These bits are reserved on the 28-pin devices, always maintain these bits clear.
2:
These bits are reserved on these devices, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com