| Electronic Components Datasheet Search |
|
PIC16LC773-04/SS Datasheet(PDF) 60 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC773-04/SS Datasheet(HTML) 60 Page - Microchip Technology |
|
60 / 200 page ![]() PIC16C77X DS30275A-page 60 Advance Information © 1999 Microchip Technology Inc. 8.1.5 SLAVE MODE In slave mode, the data is transmitted and received as the external clock pulses appear on SCK. When the last bit is latched the interrupt flag bit SSPIF (PIR1<3>) is set. While in slave mode the external clock is supplied by the external clock source on the SCK pin. This external clock must meet the minimum high and low times as specified in the electrical specifications. While in sleep mode, the slave can transmit/receive data. When a byte is received the device will wake-up from sleep. 8.1.6 SLAVE SELECT SYNCHRONIZATION The SS pin allows a synchronous slave mode. The SPI must be in slave mode with SS pin control enabled (SSPCON<3:0> = 0100). The pin must not be driven low for the SS pin to function as an input. TRISA<5> must be set. When the SS pin is low, transmission and reception are enabled and the SDO pin is driven. When the SS pin goes high, the SDO pin is no longer driven, even if in the middle of a transmitted byte, and becomes a floating output. External pull-up/ pull-down resistors may be desirable, depending on the application. When the SPI module resets, the bit counter is forced to 0. This can be done by either forcing the SS pin to a high level or clearing the SSPEN bit. To emulate two-wire communication, the SDO pin can be connected to the SDI pin. When the SPI needs to operate as a receiver the SDO pin can be configured as an input. This disables transmissions from the SDO. The SDI can always be left as an input (SDI function) since it cannot create a bus conflict. FIGURE 8-7: SLAVE SYNCHRONIZATION WAVEFORM Note: When the SPI module is in Slave Mode with SS pin control enabled, (SSP- CON<3:0> = 0100) the SPI module will reset if the SS pin is set to VDD. Note: If the SPI is used in Slave Mode with CKE = ’1’, then SS pin control must be enabled. SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit7 SDO bit7 bit6 bit7 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag bit0 bit7 bit0 Next Q4 cycle after Q2 ↓ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |