Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SS Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16LC773-04/SS
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SS Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16LC773-04/SS Datasheet HTML 109Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 110Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 111Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 112Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 113Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 114Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 115Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 116Page - Microchip Technology PIC16LC773-04/SS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 113
10.0
VOLTAGE REFERENCE
MODULE AND LOW-VOLTAGE
DETECT
The Voltage Reference module provides reference volt-
ages for the Brown-out Reset circuitry, the Low-voltage
Detect circuitry and the A/D converter.
The source for the reference voltages comes from the
bandgap reference circuit. The bandgap circuit is ener-
gized anytime the reference voltage is required by the
other sub-modules, and is powered down when not in
use. The control registers for this module are LVDCON
and
REFCON,
as
shown
in
Figure 10-1
and
Figure 10-2.
FIGURE 10-1: LVDCON: LOW-VOLTAGE DETECT CONTROL REGISTER
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
BGST
LVDEN
LV3
LV2
LV1
LV0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-6: Unimplemented: Read as '0'
bit 5:
BGST: Bandgap Stable Status Flag bit
1 = Indicates that the bandgap voltage is stable, and LVD interrupt is reliable
0 = Indicates that the bandgap voltage is not stable, and LVD interrupt should not be enabled
bit 4:
LVDEN: Low-voltage Detect Power Enable bit
1 = Enables LVD, powers up bandgap circuit and reference generator
0 = Disables LVD, powers down bandgap circuit if unused by BOR or VRH/VRL
bit 3-0: LV3:LV0: Low Voltage Detection Limit bits (1)
1111
= External analog input is used
1110
= 4.5V
1101
= 4.2V
1100
= 4.0V
1011
= 3.8V
1010
= 3.6V
1001
= 3.5V
1000
= 3.3V
0111
= 3.0V
0110
= 2.8V
0101
= 2.7V
0100
= 2.5V
Note 1: These are the minimum trip points for the LVD, see Table 15-3 for the trip point tolerances. Selection
of an unused setting may result in an inadvertant interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com