Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 47 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 43Page - ON Semiconductor MT9V024 Datasheet HTML 44Page - ON Semiconductor MT9V024 Datasheet HTML 45Page - ON Semiconductor MT9V024 Datasheet HTML 46Page - ON Semiconductor MT9V024 Datasheet HTML 47Page - ON Semiconductor MT9V024 Datasheet HTML 48Page - ON Semiconductor MT9V024 Datasheet HTML 49Page - ON Semiconductor MT9V024 Datasheet HTML 50Page - ON Semiconductor MT9V024 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
46
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Control signals LV and FV can be reconstructed from their respective preceding and
succeeding flags that are always embedded within the pixel data in the form of reserved
words.
When LVDS mode is enabled along with column binning (bin 2 or bin 4, R0x0D[3:2]), the
packet size remains the same but the serial pixel data stream repeats itself depending on
whether 2X or 4X binning is set:
• For bin 2, LVDS outputs double the expected data (post-binning pixel 0,0 is output
twice in sequence, followed by pixel 0,1 twice, . . .).
• For bin 4, LVDS outputs 4 times the expected data (pixel 0,0 is output 4 times in
sequence followed by pixel 0,1 times 4, . . .).
The receiving hardware will need to undersample the output stream,getting data either
every 2 clocks (bin 2) or every 4 (bin 4) clocks.
If the sensor provides a pixel whose value is 0,1, 2, or 3 (that is, the same as a reserved
word) then the outgoing serial pixel value is switched to 4.
Table 8:
LVDS Packet Format in Stereoscopy Mode (Stereoscopy Mode Bit Asserted)
18-bit Packet
Function
Bit[0]
1'b1 (Start bit)
Bit[1]
MasterSensorPixelData[2]
Bit[2]
MasterSensorPixelData[3]
Bit[3]
MasterSensorPixelData[4]
Bit[4]
MasterSensorPixelData[5]
Bit[5]
MasterSensorPixelData[6]
Bit[6]
MasterSensorPixelData[7]
Bit[7]
MasterSensorPixelData[8]
Bit[8]
MasterSensorPixelData[9]
Bit[9]
SlaveSensorPixelData[2]
Bit[10]
SlaveSensorPixelData[3]
Bit[11]
SlaveSensorPixelData[4]
Bit[12]
SlaveSensorPixelData[5]
Bit[13]
SlaveSensorPixelData[6]
Bit[14]
SlaveSensorPixelData[7]
Bit[15]
SlaveSensorPixelData[8]
Bit[16]
SlaveSensorPixelData[9]
Bit[17]
1'b0 (Stop bit)
Table 9:
Reserved Words in the Pixel Data Stream
Pixel Data Reserved Word
Flag
0
Precedes frame valid assertion
1
Precedes line valid assertion
2
Succeeds line valid de-assertion
3
Succeeds frame valid de-assertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com