Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9V024 Datasheet(PDF) 14 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 10Page - ON Semiconductor MT9V024 Datasheet HTML 11Page - ON Semiconductor MT9V024 Datasheet HTML 12Page - ON Semiconductor MT9V024 Datasheet HTML 13Page - ON Semiconductor MT9V024 Datasheet HTML 14Page - ON Semiconductor MT9V024 Datasheet HTML 15Page - ON Semiconductor MT9V024 Datasheet HTML 16Page - ON Semiconductor MT9V024 Datasheet HTML 17Page - ON Semiconductor MT9V024 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
13
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Output Data Format
Output Data Timing
The data output of the MT9V024 is synchronized with the PIXCLK output. When
LINE_VALID (LV) is HIGH, one 10-bit pixel datum is output every PIXCLK period.
Figure 8:
Timing Example of Pixel Data
The PIXCLK is a nominally inverted version of the master clock (SYSCLK). This allows
PIXCLK to be used as a clock to latch the data. However, when column bin 2 is enabled,
the PIXCLK is HIGH for one complete master clock master period and then LOW for one
complete master clock period; when column bin 4 is enabled, the PIXCLK is HIGH for
two complete master clock periods and then LOW for two complete master clock
periods. It is continuously enabled, even during the blanking period. Setting R0x72
bit[4] = 1 causes the MT9V024 to invert the polarity of the PIXCLK.
The parameters P1, A, Q, and P2 in Figure 9 are defined in Table 2.
Figure 9:
Row Timing and FRAME_VALID/LINE_VALID Signals
Table 2:
Frame Time
Parameter
Name
Equation
Default Timing at 26.66 MHz
AActive data time
Context A: R0x04
Context B: R0xCC
752 pixel clocks
= 752 master
= 28.20s
P1
Frame start blanking
Context A: R0x05 - 23
Context B: R0xCD - 23
71 pixel clocks
= 71master
= 2.66s
P2
Frame end blanking
23 (fixed)
23 pixel clocks
= 23 master
= 0.86s
Q
Horizontal blanking
Context A: R0x05
Context B: R0xCD
94 pixel clocks
= 94 master
= 3.52s
LINE_VALID
PIXCLK
DOUT(9:0)
P0
(9:0)
P1
(9:0)
P2
(9:0)
P3
(9:0)
P4
(9:0)
Pn-1
(9:0)
Pn
(9:0)
Valid Image Data
Blanking
Blanking
...
...
...
...
P1
A
Q
A
Q
A
P2
Number of master clocks
FRAME_VALID
LINE_VALID
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com